Electronic Components Datasheet Search
  English  ▼

X  

FP6180 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP6180
Description  3A, 23V, 380KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6180 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP6180 Datasheet HTML 1Page - Feeling Technology Corp. FP6180 Datasheet HTML 2Page - Feeling Technology Corp. FP6180 Datasheet HTML 3Page - Feeling Technology Corp. FP6180 Datasheet HTML 4Page - Feeling Technology Corp. FP6180 Datasheet HTML 5Page - Feeling Technology Corp. FP6180 Datasheet HTML 6Page - Feeling Technology Corp. FP6180 Datasheet HTML 7Page - Feeling Technology Corp. FP6180 Datasheet HTML 8Page - Feeling Technology Corp. FP6180 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FP6180
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
2/13
Function Block Diagram
Oscillator
64/385KHz
Slope
Compensation
Control
Logic
1.22V
FB
BS
IN
SW
GND
Σ
Internal
Regulator
UVLO
Current
Sense
EN
COMP
SS
Enable
Control
0.7V
1.8V
5V
Current
Comparator
Frequency
Foldback
Comparator
Error
Amplifier
1.8uA
100kΩ
Pin Descriptions
SOP-8L (EP)
1
2
3
4
8
7
6
5
BS
IN
SW
GND
SS
EN
COMP
FB
EP
Top View
Bottom View
Name No. I / O
Description
BS
1
I
Bootstrap
IN
2
P
Supply Voltage
SW
3
O
Switch
GND
4
P
Ground
FB
5
I
Feedback
COMP
6
O
Compensation
EN
7
I
Enable / UVLO
SS
8
I
Programmable Soft Start
EP
9
P
Exposed PAD is GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com