Electronic Components Datasheet Search
  English  ▼

X  

LMV331TP Datasheet(PDF) 5 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 5 Page - 3PEAK INC.

  LMV331TP Datasheet HTML 1Page - 3PEAK INC. LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
www.3peakic.com.cn
REV1.4
Chip
1 kΩ
1 kΩ
Core
+In
-In
Figure 2. Equivalent Input Structure
Internal Hysteresis
Most high-speed comparators oscillate in the linear region because of noise or undesired parasitic feedback. This
tends to occur when the voltage on one input is at or equal to the voltage on the other input. To counter the
parasitic effects and noise, the LMV331-393 implement internal hysteresis.
The hysteresis in a comparator creates two trip points: one for the rising input voltage and one for the falling input
voltage. The difference between the trip points is the hysteresis. When the comparator’s input voltages are equal,
the hysteresis effectively causes one comparator input voltage to move quickly past the other, thus taking the
input out of the region where oscillation occurs. Figure 3. illustrates the case where IN- is fixed and IN+ is varied.
If the inputs were reversed, the figure would look the same, except the output would be inverted.
Vin-
Vtr
Vtf
0
VDD
Hysteresis
Band
Vi
Time
Non-Inverting Comparator Output
Vhyst=Vtr-Vtf
Vos=
Vtr+Vtf
2
-Vin-
0
VDD
Inverting Comparator Output
Vin-
Vtr
Vtf
Hysteresis
Band
Vi
Time
Vhyst=Vtr-Vtf
Vos=
Vtr+Vtf
2
-Vin-
Figure 3. Comparator’s hysteresis and offset
External Hysteresis
Greater flexibility in selecting hysteresis is achieved by using external resistors. Hysteresis reduces output
chattering when one input is slowly moving past the other. It also helps in systems where it is best not to cycle
between high and low states too frequently (e.g., air conditioner thermostatic control). Output chatter also
increases the dynamic supply current.
Non-Inverting Comparator with Hysteresis
A non-inverting comparator with hysteresis requires a two-resistor network, as shown in Figure 4 and a voltage
reference (Vr) at the inverting input.
Figure 4. Non-Inverting Configuration with Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com