Electronic Components Datasheet Search
  English  ▼

X  

FP6293 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP6293
Description  1MHz, 3.5A Step-Up Current Mode PWM Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6293 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP6293 Datasheet HTML 5Page - Feeling Technology Corp. FP6293 Datasheet HTML 6Page - Feeling Technology Corp. FP6293 Datasheet HTML 7Page - Feeling Technology Corp. FP6293 Datasheet HTML 8Page - Feeling Technology Corp. FP6293 Datasheet HTML 9Page - Feeling Technology Corp. FP6293 Datasheet HTML 10Page - Feeling Technology Corp. FP6293 Datasheet HTML 11Page - Feeling Technology Corp. FP6293 Datasheet HTML 12Page - Feeling Technology Corp. FP6293 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FP6293
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.71
11/13
Typical Application
7
6
5
8
2
3
4
1
FP6293
OC
VCC
EN
GND
FB
PGND
LX
NC
C1
22µF
C2
22µF
R3
27K
L1 3.3µH
D1 SR54
R1
73K
R2
10K
C3
22µF
C4
22µF
VOUT
5V
VIN
3.7V
C5
100µF
Note:
D
on’t pull the Vout back to the FP6293’s Vcc pin. When the system receives the
noise, it will lead to Vout ripple too high and over the absolute maximum rating of
the Vcc pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com