Electronic Components Datasheet Search
  English  ▼

X  

FP7102 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP7102
Description  28V, 2A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7102 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP7102 Datasheet HTML 1Page - Feeling Technology Corp. FP7102 Datasheet HTML 2Page - Feeling Technology Corp. FP7102 Datasheet HTML 3Page - Feeling Technology Corp. FP7102 Datasheet HTML 4Page - Feeling Technology Corp. FP7102 Datasheet HTML 5Page - Feeling Technology Corp. FP7102 Datasheet HTML 6Page - Feeling Technology Corp. FP7102 Datasheet HTML 7Page - Feeling Technology Corp. FP7102 Datasheet HTML 8Page - Feeling Technology Corp. FP7102 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FP7102
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.93
2/12
Function Block Diagram
2.50V
Output Drive
Control Circuits
Internal Soft Start
Circuit
Reference
Regulator
Oscillator
VCC
FB
0. 25V
500
36K
COMP
GND
GND
LX
LX
Thermal
Shutdown
Over Current
Protection
Enable
Control
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com