Electronic Components Datasheet Search
  English  ▼

X  

FS50 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS50
Description  LINEAR HALL-EFFECT SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS50 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS50 Datasheet HTML 1Page - Feeling Technology Corp. FS50 Datasheet HTML 2Page - Feeling Technology Corp. FS50 Datasheet HTML 3Page - Feeling Technology Corp. FS50 Datasheet HTML 4Page - Feeling Technology Corp. FS50 Datasheet HTML 5Page - Feeling Technology Corp. FS50 Datasheet HTML 6Page - Feeling Technology Corp. FS50 Datasheet HTML 7Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FS50
LINEAR HALL-EFFECT SENSORS
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.3 Feb. 16, 2009
P.1
FEELING
TECHNOLOGY
Features
Extremely Sensitive
Flat Response to 23 KHz
Low-Noise Output
2.7V to 7V Operation
Available in SIP-3L package
General Description
The FS50 Hall-effect sensors accurately track extremely small changes in magnetic flux density-changes generally
too small to operate Hall-effect switches.
As motion detectors, gear tooth sensors, and proximity detectors, they are magnetically driven mirrors of
mechanical events. As sensitive monitors of electromagnets, they can effectively measure a system’s performance
with negligible system loading while providing isolation from contaminated and electrically noisy environments.
Each Hall-effect integrated circuit includes a Hall sensing element, linear amplifier, and emitter-follower output stage.
Problems associated with handling tiny analog signals are minimized by having the Hall cell and amplifier on a
single chip.
Block Diagram
Figure.1
Pb Free
REG.
2
3
OUTPUT
GROUND
1
Vcc
Typical:
300uA


Similar Part No. - FS50

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS50 XPPOWER-FS50 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Littelfuse
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Aeroflex Circuit Techno...
FS5000 AEROFLEX-FS5000 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
FS5000B-13 AEROFLEX-FS5000B-13 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
FS5000B-18 AEROFLEX-FS5000B-18 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
More results

Similar Description - FS50

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
LINEAR OUTPUT HALL EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
Hall effect linear sensors
AH350 ETC-AH350 Datasheet
180Kb / 6P
Linear Hall-Effect Sensors
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
Linear Hall-effect Sensors
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
Linear Hall-effect Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com