Electronic Components Datasheet Search
  English  ▼

X  

FS177N Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FS177N
Description  Single Hall Effect Senser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS177N Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FS177N Datasheet HTML 1Page - Feeling Technology Corp. FS177N Datasheet HTML 2Page - Feeling Technology Corp. FS177N Datasheet HTML 3Page - Feeling Technology Corp. FS177N Datasheet HTML 4Page - Feeling Technology Corp. FS177N Datasheet HTML 5Page - Feeling Technology Corp. FS177N Datasheet HTML 6Page - Feeling Technology Corp. FS177N Datasheet HTML 7Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FS177N
Rev2.0 Apr. 23, 2012
P.5
FEELING
TECHNOLOGY
Test Circuit
Figure.7
Marking Information
Figure.8
VCC
FS177N
Gnd
Vcc
Output
1
2
3
RL
CL
Vout
[Top View]
177N
Mass Production Version
Half month (ex:A,B ~ X)
Year (ex:2008
8)
G
Halogen Free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com