Electronic Components Datasheet Search
  English  ▼

X  

FS276 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS276
Description  2 phase high voltage DC Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS276 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS276 Datasheet HTML 1Page - Feeling Technology Corp. FS276 Datasheet HTML 2Page - Feeling Technology Corp. FS276 Datasheet HTML 3Page - Feeling Technology Corp. FS276 Datasheet HTML 4Page - Feeling Technology Corp. FS276 Datasheet HTML 5Page - Feeling Technology Corp. FS276 Datasheet HTML 6Page - Feeling Technology Corp. FS276 Datasheet HTML 7Page - Feeling Technology Corp. FS276 Datasheet HTML 8Page - Feeling Technology Corp. FS276 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev0.2 Nov. 09, 2004(LF)
P1/FS276
General Description
The FS276, a 1-chip composed of hall sensor and output coil drivers, applied to a 2-phase
DC motor. The high sensitivity of Hall effect sensor is suitable for motors from mini-type
CPU coolers to blowers and DC fans. Typical operation current is 0.4A and operating
voltage range is from 3.0V ~ 20V.
Using few external components, FS276, a high performance integrated IC, is designed for a
2-phase DC motor circuit. The circuit diagram of the typical application example is as
below.
Features
˙
1 chip hall sensor/drivers
˙
Wide operating voltage range: 3.0V~20V
˙
Output sink current up to 0.4A
˙
Package : TO-92SP-4
Typical Application Circuit
TO-92SP-4
VCC
FTC
S276
Pb Free


Similar Part No. - FS276

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS277 FEELING-FS277 Datasheet
307Kb / 12P
2 phase high voltage DC Motor Driver IC
FS277LF-A FEELING-FS277LF-A Datasheet
307Kb / 12P
2 phase high voltage DC Motor Driver IC
More results

Similar Description - FS276

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6406 UTC-SK6406 Datasheet
134Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
logo
Hi-Sincerity Mocroelect...
H211 HSMC-H211 Datasheet
355Kb / 9P
2 Phase DC Motor Drive IC
logo
Unisonic Technologies
UH210 UTC-UH210 Datasheet
154Kb / 5P
2-PHASE DC MOTOR DRIVE IC
UH200 UTC-UH200 Datasheet
166Kb / 6P
2-PHASE DC MOTOR DRIVE IC
UH210 UTC-UH210_15 Datasheet
161Kb / 5P
2-PHASE DC MOTOR DRIVE IC
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
logo
Feeling Technology Corp...
FS211F FEELING-FS211F Datasheet
128Kb / 13P
2 PHASE DC MOTOR DRIVE IC
FS220 FEELING-FS220 Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS277 FEELING-FS277 Datasheet
307Kb / 12P
2 phase high voltage DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com