Electronic Components Datasheet Search
  English  ▼

X  

HD64F3670 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD64F3670
Description  Hitachi Single-Chip Microcomputer
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3670 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD64F3670 Datasheet HTML 25Page - Renesas Technology Corp HD64F3670 Datasheet HTML 26Page - Renesas Technology Corp HD64F3670 Datasheet HTML 27Page - Renesas Technology Corp HD64F3670 Datasheet HTML 28Page - Renesas Technology Corp HD64F3670 Datasheet HTML 29Page - Renesas Technology Corp HD64F3670 Datasheet HTML 30Page - Renesas Technology Corp HD64F3670 Datasheet HTML 31Page - Renesas Technology Corp HD64F3670 Datasheet HTML 32Page - Renesas Technology Corp HD64F3670 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 323 page
background image
Rev. 2.0, 03/02, page 5 of 298
1.4
Pin Functions
Table 1.1 Pin Functions
Pin No.
Type
Symbol
FP-64E
FP-48F,
FP-48B
I/O
Functions
Power
source pins
V
CC
12
10
Input
Power supply pin. Connect this pin
to the system power supply.
V
SS
9
7
Input
Ground pin. Connect this pin to the
system power supply (0V).
AV
CC
31Input
Analog power supply pin for the A/D
converter. When the A/D converter
is not used, connect this pin to the
system power supply.
V
CL
64Input
Internal step-down power supply
pin. Connect a capacitor of around
0.1
µF between this pin and the Vss
pin for stabilization.
Clock pins
OSC1
11
9
Input
OSC2
10
8
Output
These pins connect to a crystal or
ceramic resonator for system
clocks, or can be used to input an
external clock.
See section 5, Clock Pulse
Generators, for a typical
connection.
System
control
5(6
7
5
Input
Reset pin. When this driven low, the
chip is reset.
TEST
8
6
Input
Test pin. Connect this pin to Vss.
Interrupt
pins
10,
35
25
Input
Non-maskable interrupt request
input pin.
,54,
,54
51, 54
37, 40
Input
External interrupt request input
pins. Can select the rising or falling
edge.
:.3 to
:.3
13, 14,
19 to 22
11 to 16
Input
External interrupt request input
pins. Can select the rising or falling
edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com