Electronic Components Datasheet Search
  English  ▼

X  

HMC113 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC113
Description  GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC113 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC113 Datasheet HTML 1Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - HMC113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1131 AD-HMC1131 Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1131LC4 AD-HMC1131LC4 Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1131LC4TR AD-HMC1131LC4TR Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
HMC1132LP5DE AD-HMC1132LP5DE Datasheet
694Kb / 15P
No external matching required
Rev. 0
More results

Similar Description - HMC113

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC647LP6 HITTITE-HMC647LP6 Datasheet
288Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
Mimix Broadband
XU1014-BD MIMIX-XU1014-BD Datasheet
1Mb / 1P
8.0-18.0 GHz GaAs MMIC Up-Converter
XU1010-BD MIMIX-XU1010-BD Datasheet
1Mb / 1P
16.0-36.0 GHz GaAs MMIC Up-Converter
logo
Hittite Microwave Corpo...
HMC647LP6 HITTITE-HMC647LP6_08 Datasheet
237Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
RF Micro Devices
RFUV1002 RFMD-RFUV1002 Datasheet
1Mb / 17P
9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
logo
Analog Devices
HMC219B AD-HMC219B Datasheet
452Kb / 27P
2.5 GHz to 7.0 GHz GaAs, MMIC Fundamental Mixer
10/2017-Rev. 0 to Rev. A
HMC773A AD-HMC773A Datasheet
528Kb / 22P
6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com