Electronic Components Datasheet Search
  English  ▼

X  

KB817CD Datasheet(PDF) 7 Page - Kingbright Corporation

Part # KB817CD
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB817CD Datasheet(HTML) 7 Page - Kingbright Corporation

  KB817CD Datasheet HTML 1Page - Kingbright Corporation KB817CD Datasheet HTML 2Page - Kingbright Corporation KB817CD Datasheet HTML 3Page - Kingbright Corporation KB817CD Datasheet HTML 4Page - Kingbright Corporation KB817CD Datasheet HTML 5Page - Kingbright Corporation KB817CD Datasheet HTML 6Page - Kingbright Corporation KB817CD Datasheet HTML 7Page - Kingbright Corporation KB817CD Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPEC NO: DSAD1549
REV NO: V.7
DATE: APR/07/2005
PAGE: 7 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: B.H.LI
ERP: 1205000006
PHOTOCOUPLER
KB817
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if
ingested.
GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to
dissolve them.
document, please confirm that this is the latest version. Not all devices / types available
The information in this document is subject to change without notice. Before using this
specified operating ranges as set forth in the most recent products specifications.
In developing your designs, please ensure that KINGBRIGHT products are used within
KINGBRIGHT product could cause loss of human life, bodily injury or damage to property.
stress. It is the responsibility of the buyer, when utilizing KINGBRIGHT products, to observe
standards of safety, and to a avoid situations in which a malfunction or failure of a
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
We are mention about our product quality stablity, semiconductor devices in general can
in every country.
RESTRICTIONS ON PRODUCT USE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com