| Electronic Components Datasheet Search |
|
M481SIDE Datasheet(PDF) 2 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M481SIDE Datasheet(HTML) 2 Page - Nuvoton Technology Corporation |
|
2 / 401 page ![]() Mar 30, 2018 Page 2 of 401 Rev 1.00 NuMicro ® M480 32-bit ARM ® Cortex ® -M4F Microcontrolle r TABLE OF CONTENTS 1 GENERAL DESCRIPTION............................................................................... 11 2 FEATURES ...................................................................................................... 12 2.1NuMicro ® M480 Features........................................................................................................12 3 PARTS INFORMATION ................................................................................... 24 3.1Summary.................................................................................................................................24 3.2Package Type .........................................................................................................................24 3.3NuMicro ® M481 Base Series ..................................................................................................25 3.4NuMicro ® M482 USB FS OTG Series.....................................................................................26 3.5NuMicro ® M483 CAN Series ...................................................................................................27 3.6NuMicro ® M484 USB HS OTG Series ....................................................................................28 3.7NuMicro ® M485 Crypto Series ................................................................................................29 3.8NuMicro ® M487 Ethernet Series .............................................................................................30 3.9NuMicro ® M480 Naming Rule .................................................................................................31 4 PIN CONFIGURATION & DESCRIPTION ....................................................... 32 4.1Pin Configuration.....................................................................................................................32 4.1.1 NuMicro ® M481 Base Series QFN33 Pin Diagram .........................................................32 4.1.2 NuMicro ® M481 Base Series LQFP48 Pin Diagram .......................................................33 4.1.3 NuMicro ® M481 Base Series LQFP64 Pin Diagram .......................................................34 4.1.4 NuMicro ® M482 USB FS OTG Series QFN33 Pin Diagram ...........................................35 4.1.5 NuMicro ® M482 USB FS OTG Series LQFP48 Pin Diagram..........................................36 4.1.6 NuMicro ® M482 USB FS OTG Series LQFP64 Pin Diagram..........................................37 4.1.7 NuMicro ® M482 USB FS OTG Series LQFP128 Pin Diagram........................................38 4.1.8 NuMicro ® M483 CAN Series LQFP64 Pin Diagram........................................................39 4.1.9 NuMicro ® M483 CAN Series LQFP128 Pin Diagram......................................................40 4.1.10 NuMicro ® M484 USB HS OTG Series LQFP64 Pin Diagram .........................................41 4.1.11 NuMicro ® M484 USB HS OTG Series with 2 USB LQFP64 Pin Diagram.......................42 4.1.12 NuMicro ® M484 USB HS OTG Series LQFP128 Pin Diagram .......................................43 4.1.13 NuMicro ® M485 Crypto Series QFN33 Pin Diagram.......................................................44 4.1.14 NuMicro ® M485 Crypto Series LQFP48 Pin Diagram.....................................................45 4.1.15 NuMicro ® M485 Crypto Series LQFP64 Pin Diagram.....................................................46 4.1.16 NuMicro ® M485 Crypto Series LQFP128 Pin Diagram...................................................47 4.1.17 NuMicro ® M487 Ethernet Series LQFP64 Pin Diagram..................................................48 4.1.18 NuMicro ® M487 Ethernet Series LQFP128 Pin Diagram................................................49 4.1.19 NuMicro ® M487 Ethernet Series LQFP144 Pin Diagram................................................50 4.2Pin Description ........................................................................................................................51 4.2.1 M481 Series Pin Description ..........................................................................................51 4.2.2 M482 Series Pin Description ..........................................................................................68 4.2.3 M483 Series Pin Description ..........................................................................................97 4.2.4 M484 Series Pin Description ........................................................................................125 4.2.5 M485 Series Pin Description ........................................................................................152 4.2.6 M487 Series Pin Description ........................................................................................180 4.2.7 M480 Multi-function Summary Table ............................................................................211 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |