Electronic Components Datasheet Search
  English  ▼

X  

TM1909 Datasheet(PDF) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1909
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1909 Datasheet(HTML) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1909 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1909 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 通道 LED 驱动控制专用电路 TM1909
9
©Titan Micro Electronics
www.titanmec.com
V1.0
封装示意图(SOP14)
L
θ
D
e
b
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.65
0.049
0.065
b
0.36
0.49
0.014
0.019
C
D
8.53
8.73
0.336
0.344
E
3.8
4.0
0.150
0.157
E1
5.8
6.2
0.228
0.244
e
1.27(BSC)
0.05(BSC)
L1
L
0.45
0.8
0.018
0.031
θ
0°
8°
0°
8°
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,如本公司进行修正,恕不另行通知。)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com