Electronic Components Datasheet Search
  English  ▼

X  

48ES Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # 48ES
Description  FULL-FUNCTION PROGRAMMING WITH CAPABILITY TO LINK MULTIPLE STAGERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

48ES Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  48ES Datasheet HTML 1Page - Pentair plc. All rights reserved. 48ES Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILTRATION & PROCESS
FEATURES/BENEFITS
LED Status Indicator
• Solid Blue: In Service
• Flashing Blue: Regen Queued
• Solid Green: Regen
• Flashing Green: Standby
• Solid Red: Error
Auxiliary inputs and outputs
• Remote signal start input (certain
system types)
• Remote Lockout Input
• Programmable relay output/
chemical pump output
Front panel diagnostics button
• Flow rate
• Peak flow rate
• Totalizer
• Hours between last two
regenerations
• Hours since last regeneration
• Adjustable volume remaining
• Valve position
• Software version
2x16 character backlit LCD display
Networks up to four stagers
Field-configurable for system types
Time of day can be automatically copied
to the remaining controllers
Can be used simultaneously with time
clock, meter immediate, or meter
delayed regeneration types
Allows monitoring of flow and volume
information in remote signal start
applications
Control and stager automatically
synchronize to the service position
Accepts input from a variety of flow
sensors
During a power outage, critical operating
information is stored in memory
Programmable regeneration types for
increased flexibility
Reserve is fixed at a programmable
percentage of the total capacity
Easy installation with plug-in wiring
harnesses
OPTIONS
3-way universal solenoid installed
Auxiliary micro switch cam with signal in service or backwash
AQUAMATIC 48ES AND 51ES SERIES COMMERCIAL STAGER CONTROLLERS
FULL-FUNCTION PROGRAMMING WITH CAPABILITY TO LINK MULTIPLE STAGERS
AQUAMATIC® 48ES AND 51ES SERIES
COMMERCIAL STAGER CONTROLLERS


Similar Part No. - 48ES

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
8-Bit I/O Type MCU (With EEPROM)
January 12, 2004
More results

Similar Description - 48ES

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
logo
Unisonic Technologies
U74LVC1G58G-AL6-R UTC-U74LVC1G58G-AL6-R Datasheet
205Kb / 5P
MULTIPLE-FUNCTION GATE
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
Up to 8 KB Flash memory with in-circuit programming capability
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com