Electronic Components Datasheet Search
  English  ▼

X  

SD103AW Datasheet(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # SD103AW
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

SD103AW Datasheet(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  SD103AW Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. SD103AW Datasheet HTML 2Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOD-123 封装二极管/SOD-123 Plastic-Encapsulate Diodes
SD103AW/SD103BW/SD103CW (SCHOTTKY DIODES)
特点/Features:
正向导通电压低;
环保护结构提供瞬态保护;
极小的恢复时间;
极小的反向电容;
用途/Applications:
高速开关电路。
极限参数/Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
SD103AW
SD103BW
SD103CW
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
V
RRM
V
RWM
40
30
20
V
RMS Reverse Voltage
V
R(RMS)
28
21
14
V
Forward Continuous Current
I
FM
350
mA
Non-repetitive Peak Forward Current
(@t≤1S)
I
FSM
2
A
Power Dissipation
P
d
400
mW
Thermal Resistance Junction To Ambient
R
θJA
250
℃/mW
Junction
Temperature
Tj
125
℃
Storage Temperature
Tstg
-55~150
℃
电性能参数/Electrical characteristics (Ta=25℃)
参数/Parameter
符号
测试条件
最小值
典型值
最大值
单位
Reverse Breakdown Voltage
SD103AW
SD103BW
SD103CW
V
(BR)R
I
R=100μA
I
R=100μA
I
R=100μA
40
30
20
V
Forward Voltage
V
F
I
F=20mA
0.37
V
I
F=200mA
0.60
V
Reverse Current
SD103AW
SD103BW
SD103CW
I
RM
V
R=30V
V
R=20V
V
R=10V
5.0
μA
Capacitance Between Terminals
C
T
V
R=0V,f=1.0MHz
50
pF
Reverse Recovery Time
t
rr
I
F=IR=200mA,
I
rr=0.1×IR,RL=100Ω
10
nS
印章/ Marking:
型号
SD103AW
SD103BW
SD103CW
印章
S4
S5
S6


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
SD103AW WTE-SD103AW Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD103AW DIODES-SD103AW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
General Semiconductor
SD103AW GE-SD103AW Datasheet
130Kb / 3P
Schottky Diodes
logo
Weitron Technology
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com