Electronic Components Datasheet Search
  English  ▼

X  

SLS431 Datasheet(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # SLS431
Description  Encapsulate Precision Adjustable Reference Source
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

SLS431 Datasheet(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  SLS431 Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. SLS431 Datasheet HTML 2Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. SLS431 Datasheet HTML 3Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOT-23 精密可调电压基准/SOT-23 Encapsulate Precision Adjustable Reference Source
SLS431 (Precision Adjustable Reference Source)
印章/Marking:431
特点/Features:
输入电压范围宽,可达 36V;
动态输出电阻低,典型值约为 0.2Ω;
阴极电流能力 1~100mA;
用途/Applications:
线性调整电路、可调电源及开关电源电路。
极限参数/Absolute maximum ratings(Ta=25℃)
参数/Parameter
符号/ Symbol
数值/Value
单位/Unit
阴极电压/Cathode Voltage
V
KA
37
V
阴极电流范围/Cathode Current Range
I
KA
-100~100
mA
基准电流输入范围/Reference Input Current Range
I
REF
0.05~10
mA
功率/Power Dissipation
P
D
300
mW
使用温度/Operating Temperature
Topr
0~70
℃
储存温度/Storage Temperature
Tstg
-65~150
℃
电性能参数/Electrical characteristics (Ta=25℃)
参数
符号
测试条件
最小值
典型值
最大值
单位
基准输入电压
V
ref
V
KA=Vref,IKA=10mA
2.445
2.495
*
2.545
V
2.450
2.500
*
2.550
基准电压温度漂移
ΔV
ref/ΔT
V
KA=Vref,IC=100μA,
T
A=0~70℃
4.5
17
mV
基准与阴极电压变
化比率
ΔV
ref/ΔVKA
IKA=10mA,ΔVKA =10V~Vref
-1.0
-2.7
mV/V
IKA=10mA,ΔVKA =36V~10V
-0.5
-2.0
mV/V
基准输入电流
I
REF
IKA=10mA,R1=10KΩ,R2=∞
1.5
4
μA
基准输入电流温度
变化率
ΔI
REF /ΔT
IKA=10mA,R1=10KΩ,R2=∞
T
A=40~120℃
0.4
1.2
μA
最小稳压阴极电流
IKA(MIN)
V
KA=Vref
0.45
1.0
mA
OFF 阴极电流
IKA(OFF)
V
KA=36V, Vref =0
0.05
1.0
μA
动态阻抗
ZKA
V
KA= Vref, IKA=1~100mA
f≤1.0KHz
0.2
0.5
Ω
Vref
分档/Classification of Vref
档位/Rank
0.5%
1%
2%
范围/Range
2.483~2.507
2.470~2.520
2.445~2.545
2.487~2.512
2.475~2.525
2.450~2.550
*根据使用要求选择合适的电压规格产品。


Similar Part No. - SLS431

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLS 32AIA020A4 USON10 INFINEON-SLS 32AIA020A4 USON10 Datasheet
553Kb / 2P
Automation Board V2
10 / 2017
logo
List of Unclassifed Man...
SLS-05-030-1T ETC2-SLS-05-030-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-060-1T ETC2-SLS-05-060-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-090-1T ETC2-SLS-05-090-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-120-1T ETC2-SLS-05-120-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
More results

Similar Description - SLS431

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ431K-HF COMCHIP-CJ431K-HF Datasheet
180Kb / 6P
Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
TO-92 Encapsulate Adjustable Reference Source
CJ432-SOT23 ZPSEMI-CJ432-SOT23 Datasheet
823Kb / 2P
SOT-23 Encapsulate Adjustable Reference Source
CJ432-TO92 ZPSEMI-CJ432-TO92 Datasheet
887Kb / 2P
TO-92 Encapsulate Adjustable Reference Source
logo
GUANGDONG HOTTECH INDUS...
TL431 HOTTECH-TL431 Datasheet
257Kb / 2P
Plastic-Encapsulate Adjustable Reference Source
logo
Jiangsu Changjiang Elec...
CD431 JIANGSU-CD431 Datasheet
2Mb / 3P
SOT-23 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431B HDSEMI-TL431B Datasheet
2Mb / 6P
SOT-23 Encapsulate Adjustable Reference Source
TL431-SOT-23 HDSEMI-TL431-SOT-23 Datasheet
2Mb / 6P
SOT-23 Encapsulate Adjustable Reference Source
TL431-TO-92 HDSEMI-TL431-TO-92 Datasheet
2Mb / 5P
TO-92 Encapsulate Adjustable Reference Source
logo
SHIKUES Electronics
TL432 SKTECHNOLGY-TL432 Datasheet
1,017Kb / 5P
SOT-23 Encapsulate Adjustable Reference Source
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com