Electronic Components Datasheet Search
  English  ▼

X  

361 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # 361
Description  COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

361 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  361 Datasheet HTML 1Page - Pentair plc. All rights reserved. 361 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FILTRATION & PROCESS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404 | WWW.PENTAIRAQUA.COM | CUSTOMER CARE: 800.279.9404
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
43649 REV B MR14 © 2014 Pentair Residential Filtration, LLC All Rights Reserved.
VALVE SPECIFICATIONS
TRANSFORMER OPTIONS
PERFORMANCE
PERFORMANCE
VALVE CONNECTIONS
DIMENSIONS
FIXED CYCLE STEP TIMES
Valve Body
Valve Color
Operating Pressure
Water Temperature
Ambient Temperature
Cycle Steps
Service Capabilities
Cam Position Indicator
North American Wall Mount
North American Outdoor
Japan Wall Mount
Australian Wall
British Wall
EU Cord Conn
European Wall Mount
120/230 VAC
120 VAC
100 V
240 V
240
240 V
240 VAC
Drain Line Flow Control
Full Flow Body
Motor Operating
Voltage
Tank Thread
Inlet/Outlet
Inlet/Outlet
(center to center)
Drain Location
Width
Height
Riser Tube Dia.
Riser Height
Backwash, 60Hz
Backwash, 50Hz
Fast Rinse, 60Hz
Fast Rinse, 50Hz
Glass-filled Noryl®
Grey
20-125 PSI (1.38-8.61 BAR)
35-100oF (2-38oC)
35-122oF (2-50oC)
Service, backwash,
fast rinse
Removable cam,
flapper access
Knob
4-20 gpm
Service: 21 gpm
Backwash: 19 gpm
Fast Rinse: 5 gpm
12 VAC
2.5”
1” NPT or 1” BSP
4”
0.75” below inlet/outlet
8.6”
3.35”
1.05”
Flush +/- 0.5”
18 min
21 min
6 min
7 min



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com