Electronic Components Datasheet Search
  English  ▼

X  

760 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # 760
Description  SIMPLE ECONOMIC ELECTRONIC METER CONTROL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

760 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  760 Datasheet HTML 1Page - Pentair plc. All rights reserved. 760 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILTRATION & PROCESS
AUTOTROL 760 TIMER
SIMPLE ECONOMIC ELECTRONIC METER CONTROL
AUTOTROL® 760
TIMER
FEATURES/BENEFITS
LCD display alternates between time
of day and volume remaining
Large LCD display for simplified
programming
Time of day super capacitor backup
for power loss
Queued regeneration is indicated by
a flashing icon
Easy installation with plug-in wiring
harnesses
Easy electronic programming
Displays regeneration step and time
remaining during regeneration
Programming stored in memory and
will not be lost due to power outages
Adjustable Time of Regeneration
History
•Initial Setting Value
•Days since last regeneration
•Current Flow Rate
•Water used today since Time of
Regeneration
•Water used since last
regeneration
•Total water used since reset
•Average usage for each day of
week
•Average service cycle
•Peak Flow Rate
•Day and Time of Peak Flow Rate
•Months since service
•Water used since last
regeneration
•Number of regenerations since
last serviced
System capacity and cycle step are
calculated by the controller.
12- volt AC operation
Filter or conditioner control
Calendar override
28- day variable reserve
OPTIONS
Timer wall mount kits
Restriction of Hazardous
Substance Compliant
UL recognized to the 979


Similar Part No. - 760

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
760 GREENLEE-760 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
760 GREENLEE-760 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
France Joint
760 FRANCEJOINT-760 Datasheet
360Kb / 3P
STATIC SEALS
logo
Adafruit Industries
760 ADAFRUIT-760 Datasheet
220Kb / 2P
Premium Male/Male Jumper Wires - 40 x 12" (300mm)
7/16/2015
logo
Switchcraft, Inc.
760 SWITCH-760 Datasheet
209Kb / 1P
0.10 [2.5]mm x 0.374 LONG
01-07-11 REV D
More results

Similar Description - 760

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
19-Jun-2001
logo
Analog Devices
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV.0
logo
Mallory performance clu...
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
logo
Analog Devices
ADSST-EM-3035 AD-ADSST-EM-3035_15 Datasheet
581Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV. 0
logo
TT Electronics.
DS2703 TTELEC-DS2703 Datasheet
540Kb / 4P
Economic Industrial Transmitter
logo
SELEC Controls Pvt. Ltd
DTC204A-2 SELEC-DTC204A-2 Datasheet
745Kb / 2P
Economic Temperature Controller
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
TC544A SELEC-TC544A Datasheet
1Mb / 3P
Economic Temperature Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com