Electronic Components Datasheet Search
  English  ▼

X  

M60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M60
Description  DOOR BELL DUAL TONE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M60 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DOOR BELL
DUAL TONE
双音门铃 1/2 声 IC
1/1
2004-03-05
SOUND EFFECT
M60/M602
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能叙述
功能叙述
功能叙述
功能叙述
• TG : OSH.
• DING : 780 Hz±30%.
• DONG : 625 Hz±30%.
APPLICATION 产品应用
产品应用
产品应用
产品应用
• Doorbell, Musical instrument, Toys.
ELECTRICAL CHARACTERISTICS 电气规格
电气规格
电气规格
电气规格
( @VDD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
─
3
4.5
V
工作电流 Operating Current
IOP
─
0.1
0.5
mA
No load
静态电流 Quiescent Current
ISB
─
1
5
μA
推动电流 OUT Driving Current
IO
1
─
─
mA
@ VDS=1V
振荡频率 Oscillator Frequency
FOSC
─
50
─
KHz
External±30% Rosc=680KΩ
工作温度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 参考电路图
参考电路图
参考电路图
参考电路图
*All specs and applications shown above subject to change without prior notice.
( 以上电路及规格仅供参考,本公司得径行修正 )
P/N
OPT
TIME
M60
VSS
1 声
M602
X
2 声
M60/M602
1.27 x 1.0 mm
2
底
底
底
底=VDD
OUT
VSS
Y
VDD
TG
E1
E2
OPT
X
VDD
220K
E1
3.3μ
μ
μ
μ
330K
E2
4.7μ
μ
μ
μ
VSS
TG
X
Y
OUT
VDD
Rosc
M60/M602P
1
8
4
5


Similar Part No. - M60

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
DOOR BELL DUAL TONE
2011-05-27
logo
ORION FANS
M60-45 ORIONFANS-M60-45 Datasheet
187Kb / 1P
Plastic Filter Kit Fits 60mm Fans
Revised 2/1/2022
logo
Everlight Electronics C...
M600 EVERLIGHT-M600 Datasheet
447Kb / 13P
5 PIN SOP HIGH SPEED
M600 EVERLIGHT-M600 Datasheet
593Kb / 13P
5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
logo
Heyco.
M6000 HEYCO-M6000 Datasheet
307Kb / 1P
HEYbrid™ Stainless Steel Liquid Tight Cordgrips
More results

Similar Description - M60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M581 ETC-M581 Datasheet
109Kb / 1P
DING-DONG DOOR BELL
M1D-95 ETC-M1D-95 Datasheet
190Kb / 3P
DUAL TONE WIRELESS DOOR BELL
M3D-95 ETC-M3D-95 Datasheet
135Kb / 2P
3 STATE DUAL TONES WIRELESS DOOR BELL
M2630 ETC1-M2630 Datasheet
134Kb / 1P
SECURITY CODE WIRELESS DOOR BELL
logo
Comchip Technology
RT0301 COMCHIP-RT0301 Datasheet
106Kb / 4P
CMOS Design for Door Bell application
logo
Projects Unlimited, Inc...
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
BELL
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
DOOR BELL DUAL TONE
2011-05-27
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
DOOR BELL DUAL TONE
2001-09-07
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
DING DONG FOR DOOR BELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com