Electronic Components Datasheet Search
  English  ▼

X  

TP15DC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP15DC
Description  15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP15DC_19 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DC_19 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DC_19 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP15DC_19 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP15DC Series
www.gztoppower.com
TEL
:0086-20-82019000
EMAIL
:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
:
:
:
The rated output power of TP15DC converters is 15W,the outline dimensions is "50.8*25.4*11.2", 2:1
input voltage range, the voltage range is 9V-18V,18V-36V,36V-72V.The accuracy of the converter can
reach ±1%,it can be widely used in telecommunications, railway transportation, instrument and etc.
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5x10
5
hrs
Over-current protection mode
All input range
Automatic recovery
Cooling
Free air convection
Case material
Metal case
FEATURES
15W output power
2:1 input voltage range
Over load protection
50.8mm*25.4mm*11.2mm standard package
Fixed switching frequency
Operating temperature: -40
℃to 85ºC
Metal shielding package
RoHS compliant
1.5KVDC isolation
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maximum capacitive
load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP15DC12S03
12(2:1)
9-18
3.3
3
81
6800
TP15DC12S05
12(2:1)
9-18
5
3
82
4700
TP15DC12S12
12(2:1)
9-18
12
1.25
83
690
TP15DC12S15
12(2:1)
9-18
15
1
84
470
TP15DC12D05
12(2:1)
9-18
±5
±1.5
82
±680
TP15DC12D12
12(2:1)
9-18
±12
±0.63
84
±330
TP15DC12D15
12(2:1)
9-18
±15
±0.5
84
±110
TP15DC24S03
24(2:1)
18-36
3.3
3
81
6800
TP15DC24S05
24(2:1)
18-36
5
3
84
4700
TP15DC24S12
24(2:1)
18-36
12
1.25
84
690
TP15DC24S15
24(2:1)
18-36
15
1
84
470
TP15DC24S24
24(2:1)
18-36
24
0.63
84
470
TP15DC24D05
24(2:1)
18-36
±5
±1.5
83
±680
TP15DC24D12
24(2:1)
18-36
±12
±0.63
84
±330
TP15DC24D15
24(2:1)
18-36
±15
±0.5
84
±110
TP15DC48S03
48(2:1)
36-72
3.3
3
81
6800
TP15DC48S05
48(2:1)
36-72
5
3
84
4700
TP15DC48S12
48(2:1)
36-72
12
1.25
85
690
TP15DC48S15
48(2:1)
36-72
15
1
85
470
TP15DC48D05
48(2:1)
36-72
±5
±1.5
83
±680
TP15DC48D12
48(2:1)
36-72
±12
±0.63
84
±330
TP15DC48D15
48(2:1)
36-72
±15
±0.5
84
±110
TP15DC24S05W
24(4:1)
9-36
5
3
84
4700
TP15DC24S12W
24(4:1)
9-36
12
1.25
84
690
TP15DC24S15W
24(4:1)
9-36
15
1
84
470
TOPPOWER


Similar Part No. - TP15DC_19

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP15DC_19

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com