Electronic Components Datasheet Search
  English  ▼

X  

LD7552BGS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7552BGS
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552BGS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7552BGS Datasheet HTML 8Page - Leadtrend Technology LD7552BGS Datasheet HTML 9Page - Leadtrend Technology LD7552BGS Datasheet HTML 10Page - Leadtrend Technology LD7552BGS Datasheet HTML 11Page - Leadtrend Technology LD7552BGS Datasheet HTML 12Page - Leadtrend Technology LD7552BGS Datasheet HTML 13Page - Leadtrend Technology LD7552BGS Datasheet HTML 14Page - Leadtrend Technology LD7552BGS Datasheet HTML 15Page - Leadtrend Technology LD7552BGS Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LD7552B
12
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
Reference Application Circuit #1 --- 40W (5V/2A & 12V/2.5A) Adapter with
2-Stage Startup Circuit
Pin < 0.3W when Pout = 0W
photocoupler
IC1
R10
Q1
R8
IC2
R54
CY1
C6
R9
C5
RT
LD7552B
RT
VCC
GND
COMP
CS
OUT
R52
C55
R55
R53
IC51
AC
input
F1
NTC1
CX1
R1A
R1B
FL2
BD1
C1
R2A
C4
R6
D3
D1
R4A
C2
T1
CR51
C51
R51A
L51
C53
C52
R51B
R2C
R3A
R3B
FL1
R2E
C8
D2
D4
R4B
R5A
R5B
L2
C10
R99
R14
R121B
R121A C121
CR121
L121
C122
C123
R100
ZD121
R121
R122
5V
12V
CY2
CY3
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com