Electronic Components Datasheet Search
  English  ▼

X  

TPJ Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPJ
Description  1W 6KVDC Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPJ_19 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ_19 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ_19 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPJ Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
The TPJ series are miniature, 6KVDC isolated 1 W DC/DC-converters in a SIP package with single
and dual output voltage. They offer the ideal solution in many space critical applications for board level
power distribution. The internal SMD construction makes it possible to offer a product with high
performance at low cost. The series offers smaller size, improved efficiency, lower output ripple noise.
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency (Min.)
V
V
mA
%
TPJ0505S
5
±5
±100/±10
61
TPJ0509S
5
±9
±55/±5.5
66
TPJ0512S
5
±12
±42/±4.2
66
TPJ0515S
5
±15
±33/±3.3
66
TPJ1205S
12
±5
±100/±10
61
TPJ1209S
12
±9
±55/±5.5
66
TPJ1212S
12
±12
±42/±4.2
66
TPJ1215S
12
±15
±33/±3.3
65
TPJ1505S
15
±5
±100/±10
80
TPJ1515S
15
±15
±33/±3.3
81
TPJ2412S
24
±12
±42/±4.2
80
TPJ2415S
24
±15
±33/±3.3
81
TPJ0303SA
3.3
3.3
303/30.3
66
TPJ0503SA
5
3.3
303/30.3
65
TPJ0505SA
5
5
200/20
68
TPJ0509SA
5
9
111/11.1
72
TPJ0512SA
5
12
83/8.3
70
TPJ0515SA
5
15
66/6.6
70
TPJ0524SA
5
24
42/4.2
80
TPJ1205SA
12
5
200/20
69
TPJ1209SA
12
9
111/11.1
74
TPJ1212SA
12
12
83/8.3
74
TPJ1215SA
12
15
66/6.6
74
TPJ1505SA
15
5
200/20
80
TPJ1509SA
15
9
111/11.1
80
TPJ2403SA
24
3.3
303/30.3
72
TPJ2405SA
24
5
200/20
80
TPJ2412SA
24
12
84/8.4
80
TPJ2415SA
24
15
676.7
80
TPJ2424SA
24
24
42/4.2
80
Add suffix “P” for continuous short circuit protection, for example TPJ0505SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
21.6
24
26.4
V
FEATURES
RoHS compliant
、CE certification
Single and dual outputs
Power density 0.42w/cm
3
Operating temperature: -40ºC to 105ºC
Footprint 1.91cm
2
UL 94V-0 package material
No heatsink required
6KVDC isolation
SIP package style
Input voltage: 3. 3V, 5V, 12V, 15V, 24V
Output voltage:±5V, ±9V,±12V,±15V / 3.3V, 5V,9V,12V,15V,24V
Custom solutions available
TOPPOWER


Similar Part No. - TPJ_19

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
1W 6KVDC Isolated DC/DC Converters
More results

Similar Description - TPJ_19

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
1W Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
1W 6KVDC Isolated DC/DC Converters
TPJ-3KVDC TOPPOWER-TPJ-3KVDC Datasheet
170Kb / 3P
1W 6KVDC Isolated DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_V01 Datasheet
754Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com