Electronic Components Datasheet Search
  English  ▼

X  

TPK Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPK
Description  2W 3KVDC Isolated Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPK Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPK Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm ±0.25mm .
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.8g
* Pin not fitted on single output variants
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Dual Output Variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
9
0V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
6
0V
7
+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP
7Pin SIP
TUBE OUTLINE DIMENSIONS
14Pin DIP
7Pin SIP
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300
℃for 10 seconds. The series is backward compatible with
Sn/Pb soldering systems
Unless otherwise stated all dimensions in mm ±0.5mm.
2.54
4 HOLES
1.00
1.15
0.30
0.20
15.24
1.45
1.00
2.54
0.4Min
YYWW
TPK0505SA
19.50
0.50
1 2
5
2.52
1.54
7
7.50
10.00
4.60
3.60
0.40Min
bottom view
6
*
TPK0505D
YYWW
19.50
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
9.80
7.70
3.60
4.60
1.09
7.62
0.20
0.30
*
bottom view
TOPPOWER
TOPPOWER
9.30
5.00
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
Unless otherwise stated all dimensions in mm ±0.5mm.
2.54
6
1.00
1.15
6HOLES
12.00
5.05
0.65
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
DIP Package
SIP Package
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com