Electronic Components Datasheet Search
  English  ▼

X  

TPR-W5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPR-W5
Description  0.5W 3KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-W5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPR-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPR-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
The TPR-W5 series are miniature, isolated 0.5W DC/DC converters in a SIP package.
They offer the ideal solution in many space critical applications for board level power
distribution. The internal SMD construction makes it possible to offer a product with high
performance at low cost. The series offers smaller size, improved efficiency, lower output
ripple noise and 3KVDC isolation.
0.5W 3KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPR0505S-W5
5
5
100/10
68
TPR0512S-W5
5
12
41.7/4.17
76
TPR0515S-W5
5
15
33.3/3.33
79
TPR1205S-W5
12
5
100/10
69
TPR1212S-W5
12
12
41.7/4.17
77
TPR1215S-W5
12
15
33.3/3.33
76
TPR1503S-W5
15
3.3
151/15.1
69
TPR1505S-W5
15
5
100/10
69
TPR1512S-W5
15
12
41.7/4.17
78
TPR2405S-W5
24
5
100/10
71
TPR2412S-W5
24
12
41.7/4.17
78
TPR2415S-W5
24
15
33.3/3.33
80
Add suffix “P” for continuous short circuit protection, for example TPR0505SP-W5.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13.3
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
22
24
26.6
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso=1000VDC
1
G
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
0.5
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.2
%/%
Load Regulation(10% load to rated load)
TPR0505S-W5/1205S-W5
13
%
Load Regulation(10% load to rated load)
TPR0512S-W5/1212S-W5
7
%
Load Regulation(10% load to rated load)
TPR0515S-W5/1215S-W5
7
%
Load Regulation(10% load to rated load)
24V input variants
7
%
Load Regulation(10% load to rated load)
24V input variants
3
%
Load Regulation(10% load to rated load)
24V input variants
3
%
FEATURES
RoHS compliant
3KVDC isolation
Efficiency up to 80%
Operating temperature: -40℃to 105℃
Power density up to 0.90W/cm
3
UL 94V-0 package material
Footprint from 1.17cm
2
Industry standard pinout
Input voltage: 5V, 12V, 15V, 24V
Output voltage: 3.3V, 5V, 12V, 15V
Custom solutions available
CE certification
TOPPOWER


Similar Part No. - TPR-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPR-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5_17 Datasheet
208Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
0.5W 3KVDC Isolated Twin Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com