Electronic Components Datasheet Search
  English  ▼

X  

19210 Datasheet(PDF) 32 Page - Pentair plc. All rights reserved.

Part # 19210
Description  A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

19210 Datasheet(HTML) 32 Page - Pentair plc. All rights reserved.

Back Button 19210 Datasheet HTML 28Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 29Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 30Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 31Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 32Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 33Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 34Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 35Page - Pentair plc. All rights reserved. 19210 Datasheet HTML 36Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
32 • FLECK 2900S Service Manual
2-INCH STAINLESS STEEL METER ASSEMBLY
6
1
2
3
4
5
1
3
2
Item No. QTY
Part No.
Description
1 ..............1 ...... 62048-01.........Service Kit, 2 inch Meter,
Standard Range
1 ...... 62048-02.........Service Kit, 2 inch Meter,
Extended Range
2 ..............1 ...... 61934-10.........Meter Assy, 2 inch, Inline,
Stainless Steel, NPT
Standard Range
1 ...... 61934-11.........Meter Assy, 2 inch, Inline,
Stainless Steel, NPT
Extended Range
1 ...... 61934-20.........Meter Assy, 2 inch, Inline,
Stainless Steel, BSP
Standard Range
1 ...... 61934-21.........Meter Assy, 2 inch, Inline,
Stainless Steel, BSP
Extended Range
3 ..............1 ...... 44026..............Union, 2 inch, NPT
(Optional on models with
electronic controls)
1 ...... 44027..............Union, 2 inch, BSP
Optional on models with
electronic controls)
Not Shown (optional)
1 ...... 62073..............Meter Sleeve ,
2 inch to 1-1/2 inch (optional)
Item No. QTY
Part No.
Description
IMPORTANT: For valves equipped with electromechanical
timers and stainless steel meters, refer to the Meter Dome
and Union Orientation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com