Electronic Components Datasheet Search
  English  ▼

X  

5000 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # 5000
Description  PROGRAMMING EASE WITH OPTIONS FOR FILTER AND SOFTENER APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

5000 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  5000 Datasheet HTML 1Page - Pentair plc. All rights reserved. 5000 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WATER QUALITY SYSTEMS
PROGRAMMING EASE WITH OPTIONS FOR FILTER AND SOFTENER APPLICATIONS
FLECK§ 5000 HIGH PERFORMANCE CONTROL VALVE
FLECK 5000
HIGH PERFORMANCE CONTROL VALVE
FEATURES/BENEFITS
Fiber-reinforced polymer valve body
for superior strength and durability,
non-corrosive, and UV-resistant
Continuous service flow rate of
21 GPM with a backwash of 17 GPM
Backwash capability accommodates
softener tanks up to 16" and filter up
to 16" in diameter
Fully adjustable 3- or 5-cycle control
for efficient and reliable water
treatment system
Super capacitor for keeping time of
day during power outage
Time-tested, hydraulically-balanced
piston for service and regeneration
Soft water refill for a cleaner brine
tank
Diagnostics for historical valve
performance
Programming stored in memory and
will not be lost due to power outages
OPTIONS
Filter or softener control valves
Downflow co-current or upflow
counter-current regeneration
Brine cam auxiliary switch
Plumbing connections in 3/4" to
1-1/4" NPT, BSP, and sweat
Fiber-reinforced polymer or
stainless steel bypass valve
SXT- Large LCD display with one
programmable relay output for
both normally opened and normally
closed contacts
TESTED and CERTIFIED by the
WQA to NSF/ANSI Standard 44
for Water Softener Performance.
Restriction of Hazardous
Substance Compliant
TESTED and CERTIFIED by the
WQA to NSF/ANSI Standard
372 for Lead Free Compliance.
UL recognized to 979
Coated Stock - CMYK


Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
More results

Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN136 SILABS-AN136 Datasheet
132Kb / 4P
PRODUCTION PROGRAMMING OPTIONS FOR SILICON LABS DEVICES
logo
M.S. Kennedy Corporatio...
MSK3001 MSK-MSK3001_15 Datasheet
137Kb / 5P
P and N Channel MOSFETs for Ease of Drive
logo
STMicroelectronics
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
To ease the development of STM32 microcontroller applications
09-May-2014
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
To ease the development of STM32 microcontroller applications
23-May-2014
logo
PHOENIX CONTACT
2701030 PHOENIX-2701030 Datasheet
86Kb / 5P
Intuitive programming language with options for flowcharts and ladder diagrams
logo
Pentair plc. All rights...
764 PENTAIR-764 Datasheet
240Kb / 2P
EASY-TO-PROGRAM CONTROLLERS FOR FILTERS AND SOFTENER APPLICATIONS
2750 PENTAIR-2750 Datasheet
885Kb / 2P
IDEAL FOR RESIDENTIAL OR COMMERCIAL FILTER AND SOFTENER APPLICATIONS
2850S PENTAIR-2850S Datasheet
793Kb / 2P
FOR FILTER AND SOFTENER APPLICATIONS
logo
Maxim Integrated Produc...
MAX9737EVKIT MAXIM-MAX9737EVKIT Datasheet
162Kb / 7P
Class D Output Filter for Ease of Evaluation
Rev 0; 12/08
logo
Silicon Laboratories
AN958 SILABS-AN958 Datasheet
582Kb / 19P
Debugging and Programming Interfaces for Custom Designs
Rev. 0.7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com