Electronic Components Datasheet Search
  English  ▼

X  

CAR Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # CAR
Description  Motorcycle Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

CAR Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  CAR Datasheet HTML 1Page - Sanyou Corporation Limited CAR Datasheet HTML 2Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11/2
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
Motorcycle Relay
CAR-Series
5
6
9
12
15
18
24
360.00
300.00
200.00
150.00
120.00
100.00
75.00
14
20
45
80
125
180
320
CAR
Contact Capacity
50mΩ Max.
5msec. Max.
100MΩ Min.(DC500V)
AC500V,50/60Hz
1Min.
AC500V,50/60Hz
1Min.
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+125℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 900 ops./h)
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Charateristic Data
Coil Data (at 20℃)
10msec. Max.
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Approx. 19.0 g
150 % of
nominal
voltage
70 % of
nominal
voltage
10% of
nominal
voltage
Approx.
1.80W
Features
● 15A switching capability.
● SPST (Normally Open) contact.
● Open type.
● 2 and 3 yoke terminals available.
SANYOU RELAYS
Relays for advanced technology
15A 24VDC
25A
30VDC
360W
100G Min.
10G Min.
10,000,000
100,000
version:V1.1


Similar Part No. - CAR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CAR WELWYN-CAR Datasheet
109Kb / 2P
Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
Superior moisture performance
logo
GOOD SKY ELECTRIC CO., ...
CAR GOODSKY-CAR Datasheet
390Kb / 4P
Relay
logo
DIWELL Electronics Co.,...
CAR DIWELL-CAR Datasheet
375Kb / 5P
2W REGULATED
2011/08/23
More results

Similar Description - CAR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1137A HOLTEK-HT1137A Datasheet
358Kb / 11P
Motorcycle LCD Game
19th Nov 98
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
RELAY
logo
Mallory performance clu...
PN42306 MALLORY-PN42306 Datasheet
344Kb / 2P
MSD Universal Motorcycle Trigger Pickups
logo
Harris Corporation
M5300 HARRIS-M5300 Datasheet
95Kb / 2P
Motorcycle Kit for M5300 and XG-75M Mobiles
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
Relay
logo
Shenzhen Huazhimei Semi...
HM9815 HMSEMI-HM9815 Datasheet
322Kb / 6P
Electric bicycle, motorcycle light
HM9820 HMSEMI-HM9820 Datasheet
480Kb / 6P
Electric bicycle, motorcycle light
logo
NXP Semiconductors
MC33SB0400SM NXP-MC33SB0400SM Datasheet
279Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
MC33SB0401SM NXP-MC33SB0401SM Datasheet
276Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
logo
MOSDESIGN SEMICONDUCTOR...
M2364B MOSDESIGN-M2364B Datasheet
142Kb / 2P
PLANE UP/DOWN MOTORCYCLE
2011-08-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com