Electronic Components Datasheet Search
  English  ▼

X  

40422 Datasheet(PDF) 39 Page - Pentair plc. All rights reserved.

Part # 40422
Description  A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

40422 Datasheet(HTML) 39 Page - Pentair plc. All rights reserved.

Back Button 40422 Datasheet HTML 35Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 36Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 37Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 38Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 39Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 40Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 41Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 42Page - Pentair plc. All rights reserved. 40422 Datasheet HTML 43Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
FLECK 2900S Service Manual • 39
Problem
Cause
Correction
Water conditioner fails to
regenerate.
Electrical service to unit has been
interrupted
Assure permanent electrical service (check fuse,
plug, pull chain, or switch)
Timer is defective.
Replace timer.
Power failure.
Reset time of day.
Hard water.
By-pass valve is open.
Close by-pass valve.
No salt is in brine tank.
Add salt to brine tank and maintain salt level above
water level.
Injector screen plugged.
Clean injector screen.
Insufficient water flowing into brine tank.
Check brine tank fill time and clean brine line flow
control if plugged.
Hot water tank hardness.
Repeated flushings of the hot water tank is
required.
Leak at distributor tube.
Make sure distributor tube is not cracked. Check
o-ring and tube pilot.
Internal valve leak.
Replace seals and spacers and/or piston.
Unit used too much salt.
Improper salt setting.
Check salt usage and salt setting.
Excessive water in brine tank.
See "Excessive water in brine tank".
Loss of water pressure.
Iron buildup in line to water conditioner.
Clean line to water conditioner.
Iron buildup in water conditioner.
Clean control and add mineral cleaner to mineral
bed. Increase frequency of regeneration.
Inlet of control plugged due to foreign
material broken loose from pipes by recent
work done on plumbing system.
Remove piston and clean control.
Loss of mineral through
drain line.
Air in water system.
Assure that well system has proper air eliminator
control. Check for dry well condition.
Improperly sized drain line flow control.
Check for proper drain rate.
Iron in conditioned water.
Fouled mineral bed.
Check backwash, brine draw, and brine tank fill.
Increase frequency of regeneration. Increase
backwash time.
Excessive water in brine
tank.
Plugged drain line flow control.
Clean flow control.
Plugged injector system.
Clean injector and screen.
Timer not cycling.
Replace timer.
Foreign material in brine valve.
Replace brine valve seat and clean valve.
Foreign material in brine line flow control.
Clean brine line flow control.
Softener fails to draw brine. Drain line flow control is plugged.
Clean drain line flow control.
Injector is plugged.
Clean injector
Injector screen plugged.
Clean screen.
Line pressure is too low.
Increase line pressure to 20 psi
Internal control leak
Change seals, spacers, and piston assembly.
Service adapter did not cycle.
Check drive motor and switches.
Control cycles continuously. Misadjusted, broken, or shorted switch.
Determine if switch or timer is faulty and replace
it, or replace complete power head.
Drain flows continuously.
Valve is not programming correctly.
Check timer program and positioning of control.
Replace power head assembly if not positioning
properly.
Foreign material in control.
Remove power head assembly and inspect bore.
Remove foreign material and check control in
various regeneration positions.
Internal control leak.
Replace seals and piston assembly.
TROUBLESHOOTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com