Electronic Components Datasheet Search
  English  ▼

X  

SARA Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SARA
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARA Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SARA Datasheet HTML 1Page - Sanyou Corporation Limited SARA Datasheet HTML 2Page - Sanyou Corporation Limited SARA Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Applications
Characteristic Curves
SARA
●●
、
Automatic door window
central door locking
sunroof control
●、
●
、
car mirror adjustment
seat adjustment
pilot light control
wiper control
3/3
24
22
20
18
16
14
12
10
8
6
4
2
0
-40
-20
0
20
40
60
80
100
225Ωcoil continuous energizing voltage range
ambient temperature(℃)
24
22
20
18
16
14
12
10
8
6
4
2
0
-40
-20
0
20
40
60
80
100
18
16
14
12
10
8
6
4
2
0
05
10
20
25
30
35
40
1.coil continuous energizing voltage range
2.
.
(23℃)
Max allowable rating
P.C.B.Layout (bottom view)
1c
2c
Wiring Diagram (bottom view)
180Ωcoil continuous energizing voltage range
ambient temperature(℃)
switching current(A)
initial operation coil voltage
Max.continuous coil operation voltage
coil voltage value after energizing 12VDC
coil voltage value after energizing 12VDC
Max.continuous coil operation voltage
initial operation coil voltage
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the
user should in a right position to choose the suitable product for their own application.If there is any query,
please contact Sanyou for the technical service.However it is the user's responsibility to determine which
product should be used only.
Dongguan Sanyou Electrical appliance Co.,LTD,All rights of Sanyou to reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com