Electronic Components Datasheet Search
  English  ▼

X  

SARB Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SARB
Description  High Power Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARB Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SARB Datasheet HTML 1Page - Sanyou Corporation Limited SARB Datasheet HTML 2Page - Sanyou Corporation Limited SARB Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
SARB-Series
6
9
12
18
24
48
266.67
180.00
133.33
89.11
66.67
33.33
22.5
50
90
202
360
1,440
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
SARB -DM
40A 14VDC
40A
30VDC
560W
SARB-D
NO
: 40A 14VDC
NC
: 30A 14VDC
40A
30VDC
560W
Open type
: Approx.16.0 g;Sealed type: Approx. 20.5 g
100mΩ Max.
10msec. Max.
100MΩ Min.(DC500V)
AC
500V,50/60Hz 1Min.
AC
500V,50/60Hz 1Min.
Silver alloy
Between open contacts
:
Between coil and contact
:
-40℃~+125℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 600 ops./h)
10~55Hz at double amplitude of 1.5 mm
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Characteristic Data
Coil Data (at 20℃)
10msec. Max.
150 % of
nominal
voltage
58 % of
nominal
voltage
10% of
nominal
voltage
Approx.
1.60W
Contact Capacity
Features
● Miniature relay with high power:max. switching capability 40A.
● Low coil power consumption with excellent performance.
● Both sealed and open types available.
● Class H coil available.
SANYOU RELAYS
Relays for advanced technology
High Power
Automotive Relay
10~55Hz at double amplitude of 1.5 mm
20G Min.
100G Min.
10,000,000
100,000
Version:V2.0
5
320
15.6
36
44.44
810


Similar Part No. - SARB

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SAR-0001-GN BIVAR-SAR-0001-GN Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RB BIVAR-SAR-0001-RB Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RD BIVAR-SAR-0001-RD Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RG BIVAR-SAR-0001-RG Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RGB BIVAR-SAR-0001-RGB Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
More results

Similar Description - SARB

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CB1A-P-12V NAIS-CB1A-P-12V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
CB1F-T-RM-12V NAIS-CB1F-T-RM-12V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
logo
OEN India Limited
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
AUTOMOTIVE POWER RELAY
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
AUTOMOTIVE POWER RELAY
logo
Sanyou Corporation Limi...
SARE SANYOU-SARE Datasheet
275Kb / 3P
High Power Automotive Relay
SARF SANYOU-SARF Datasheet
230Kb / 4P
High Power Automotive Relay
SARH SANYOU-SARH Datasheet
236Kb / 3P
High Power Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com