Electronic Components Datasheet Search
  English  ▼

X  

TD6821 Datasheet(PDF) 2 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD6821
Description  1.5MHz Dual 1.5A Synchronous Step Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD6821 Datasheet(HTML) 2 Page - TECHCODE SEMICONDUCTOR, INC.

  TD6821 Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD6821 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
2 
Techcode®
1.5MHz Dual 1.5A Synchronous Step Down Regulator
TD6821
DATASHEET
Pin Configurations 
  
 
Figure 2 Pin Configuration of TD6821 (Top View) 
Pin Description 
Pin Number
Pin Name
Description
7,5
EN1,2
Enable Pin. EN is a digital input that turns the regulator on or off .Drive EN pin
high to turn on the regulator, drive it low to turn it off.
Exposed
paddle
GND
Ground Pin..
2,4
LX1,2
Power Switch Output Pin. SW is the switch node that supplies power to the
output.
1,3
IN1,2
Input pin. Decouple this pin to GND paddle with at least 10uF ceramic cap.
8,6
FB1,2
Feedback Pin. Through an external resistor divider network, FB senses the
output voltage and regulates it. The feedback threshold voltage is 0.6V.
 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com