Electronic Components Datasheet Search
  English  ▼

X  

TPA2409DA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPA2409DA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA2409DA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPA2409DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA2409DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA2409DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPA 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
The TPA series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency, lower output ripple noise and 3KVDC
isolation.
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPA2405DA
24
5
200/20
69
DIP
TPA2409DA
24
9
111/11.1
78
DIP
TPA2412DA
24
12
83/8.3
81
DIP
TPA2415DA
24
15
66/6.6
81
DIP
TPA2424DA
24
24
42/4.2
81
DIP
TPA4805DA
48
5
200/20
69
DIP
TPA4809DA
48
9
111/11.1
80
DIP
TPA4812DA
48
12
83/8.3
80
DIP
TPA4815DA
48
15
66/6.6
79
DIP
TPA2405D
24
±5
±100/±10
69
DIP
TPA2409D
24
±9
±56/±5.6
78
DIP
TPA2412D
24
±12
±41/±4.1
81
DIP
TPA2415D
24
±15
±32/±3.2
81
DIP
TPA2424D
24
±24
±21/±2.1
81
DIP
TPA2405S
24
±5
±100/±10
69
SIP
TPA2409S
24
±9
±56/±5.6
78
SIP
TPA2412S
24
±12
±42/±4.2
81
SIP
TPA2415S
24
±15
±34/±3.4
80
SIP
TPA2424S
24
±24
±21/±2.1
81
SIP
TPA4805D
48
±5
±100/±10
69
DIP
TPA4809D
48
±9
±56/±5.6
80
DIP
TPA4812D
48
±12
±42/±4.2
80
DIP
TPA4815D
48
±15
±34/±3.4
79
DIP
TPA4805S
48
±5
±100/±10
70
SIP
TPA4809S
48
±9
±56/±5.6
79
SIP
TPA4812S
48
±12
±43/±4.3
79
SIP
TPA4815S
48
±15
±33/±3.3
79
SIP
Add suffix “P” for continuous short circuit protection, for example TPA2405SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
24V input variants
22
24
27
V
Voltage range
48V input variants
44
48
53
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40ºC to 85ºC
1
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.0
1.2
%/%
Load Regulation(10% load to rated load)
5V output
14
%
Load Regulation(10% load to rated load)
all other output
12
%
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant、CE certification
Efficiency up to 81%
Power density up to 0.86W/cm
3
Single and dual output from a single input rail
UL 94V-0 package material
No heat sink required
3KVDC isolation
Industry standard pinout
Power sharing on output
Input voltage: 24V,48V
Output voltage: 5V, 9V, 12V, 15V, 24V / ±5V, ±9V, ±12V, ±15V, ±24V
Operating temperature :-40ºC to 105ºC
TOPPOWER


Similar Part No. - TPA2409DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA2409DA TOPPOWER-TPA2409DA Datasheet
182Kb / 3P
1W Isolated Single and Dual Output DC/DC Converters
TPA2409DA TOPPOWER-TPA2409DA Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA2409DA TOPPOWER-TPA2409DA Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPA2409DA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com