Electronic Components Datasheet Search
  English  ▼

X  

MS300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS300
Description  SLOW BLOW MICRO FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS300 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS300 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Internet: http://www. belfuse.com
Specifications subject to change without notice
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
g
n
it
l
e
MI2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
5
2
S
MA
m
0
5
20
2
.
30
2
.
27
4
0
.
02
4
0
.
00
8
.
0
0
0
3
S
MA
m
0
0
37
5
.
22
0
.
23
6
0
.
06
5
0
.
02
8
.
0
5
7
3
S
MA
m
5
7
36
6
.
19
6
.
11
1
1
.
01
0
1
.
05
8
.
0
0
0
5
S
MA
m
0
0
57
0
.
12
4
.
10
2
.
08
1
.
08
8
.
0
0
5
7
S
MA
m
0
5
75
5
.
09
0
.
16
4
.
04
4
.
04
9
.
0
1
S
MA
16
3
.
01
9
.
01
8
.
08
7
.
08
9
.
0
5
2
.
1
S
MA
5
2
.
13
2
.
07
7
.
04
4
.
11
4
.
11
0
.
1
5
.
1
S
MA
5
.
18
1
.
00
7
.
09
.
19
.
13
0
.
1
2
S
MA
22
1
.
09
5
.
04
.
34
.
38
0
.
1
5
.
2
S
MA
5
.
28
0
.
00
5
.
00
.
61
.
62
1
.
1
3
S
MA
36
0
.
05
4
.
00
.
81
.
84
1
.
1
4
S
MA
44
0
.
08
3
.
04
15
19
1
.
1
5
S
MA
52
0
.
09
2
.
03
35
36
2
.
1
7
S
MA
71
0
.
05
2
.
09
53
61
3
.
1
Electrical Characteristics (UL/CSA STD.248-14)
Approvals
Enviromental Specification
Operating Temperature
-55ºC to +125ºC
Soldering Heat Resistance
260ºC, 10 sec. per IEC 68-2-20
Moisture Resistance
MIL-STD-202F, Method 106
Salt Spray
MIL-STD-202, Method 101, Condition B (48Hrs)
Shock Resistance
MIL-STD-202, Method 213, Condition I (Sawtooth)
Vibration Resistance
10-55 Hz x 3 axis/ no load (MIL-STD-202, Method 201)
Physical Specification
Materials
Body:
Molded with UL Recognized epoxy component plastic,
UL 94-V0
LeadWire:
Tin-lead plated Copper, Diameter 0.032" for all ratings
Marking
On fuse:
“bel”,“MS”,“Current Rating”,“125V” printed in green
color
On label:
Above info plus “
rßc” and interrupting rating
MSD0199
Packaging
1. In bulk:
1,000 pcs per box
2. On Axial Tape & Reel:
2,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 5mm Pitch and 52.4mm inside Tape Spacing
Mechanical Dimensions
MS
Type MS
Slow Blow Micro Fuse
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
0
0
2A
/
Nc
e
S
0
3
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
zi
n
g
o
c
e
R
A
m
0
5
2.c
d
A
0
0
3
;c
a
A
0
5
@
V
5
2
1
/
A
7
-
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
rßc
r
ß
Consult manufacturer for other ratings
1.5"
± 0.08
(38.1
± 2.0mm)
0.280"
± 0.020
(7.1
± 0.5mm)
0.125"
± 0.004
(3.18
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”


Similar Part No. - MS300

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MS300 BEL-MS300 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS300 BEL-MS300 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
TDK Electronics
MS300-12 TDK-MS300-12 Datasheet
135Kb / 1P
AC-DC Power Supplies
MS300-15 TDK-MS300-15 Datasheet
135Kb / 1P
AC-DC Power Supplies
MS300-24 TDK-MS300-24 Datasheet
135Kb / 1P
AC-DC Power Supplies
More results

Similar Description - MS300

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
5TT BEL-5TT Datasheet
96Kb / 2P
Slow Blow Fuse Series
MS250 BEL-MS250 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
MS250 BEL-MS250_13 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
0697H BEL-0697H Datasheet
2Mb / 4P
Slow Blow Lead Micro Fuse Series
5TT BEL-5TT_16 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
0697H0250-XX BEL-0697H0250-XX Datasheet
868Kb / 4P
Slow Blow Lead Micro Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com