Electronic Components Datasheet Search
  English  ▼

X  

TPA1209DA Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPA1209DA
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA1209DA Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPA1209DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA1209DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA1209DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPA 3.3V, 5V, 12V&15V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales2@gztoppower.com
page 2 of 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40ºC to 85ºC
1
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.0
1.2
%/%
Load Regulation 10% load to rated load
5V & 12V input
5V output
10
13
%
Load Regulation 10% load to rated load
5V & 12V input
9V output
9
10
%
Load Regulation 10% load to rated load
5V & 12V input
12V output
7
8
%
Load Regulation 10% load to rated load
5V & 12V input
15V output
6
7.0
%
Load Regulation 10% load to rated load
15V input
5V output
6
10
%
Load Regulation 10% load to rated load
15V input
12V output
3
4
%
Load Regulation 10% load to rated load
15V input
15V output
3
4
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
G
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V input
95
kHz
Switching frequency
5V input
110
kHz
Switching frequency
12V input
130
kHz
Switching frequency
15V input
90
kHz
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
ºC
Storage
-50
130
ºC
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
10.7
12
13.1
V
Voltage range
15V input variants
13.5
15
16.5
V
Reflected ripple current
22
45
mA p-p
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300ºC
Internal power dissipation
450mW
Input voltage Vin, TPA03 variants
5.5V
Input voltage Vin, TPA05 variants
7V
Input voltage Vin, TPA12 variants
15V
Input voltage Vin, TPA15 variants
18V
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
Typical Load
Line
10
25
5 0
75
1 0 0
-7.5%
+ 2 .5 %
-2.5%
N O M
V
+ 5 %
+ 10 %
O utput Load C urrent(% )
1.5
1.0
0.5
0
-40
0
50
100
150
Am bient Tem perature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com