Electronic Components Datasheet Search
  English  ▼

X  

TD9519 Datasheet(PDF) 13 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9519
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9519 Datasheet(HTML) 13 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD9519 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 15Page - TECHCODE SEMICONDUCTOR, INC. TD9519 Datasheet HTML 16Page - TECHCODE SEMICONDUCTOR, INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
13
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
Type Application Circuit
Function Description
VIN Under-Voltage Lockout (UVLO)
The TD951X series of power switches have a built-in
under-voltage lockout circuit to keep the output shutting off
until internal circuitry is operating properly. The UVLO circuit
has hysteresis and a de-glitch feature so that it will typically
ignore undershoot transients on the input. When input
voltage exceeds the UVLO threshold, the output voltage
starts a soft-start to reduce the inrush current.
Power Switch
The power switch is an N-channel MOSFET with a low RDS(ON). The
internal power MOSFET does not have the body diode. When IC is
off, the MOSFET prevents a current flowing from the VOUT back
to VIN and VIN to VOUT.
Current-Limit Protection
The
TD951X series of power switches provide the current- limit
protection function. During current-limit, the devices limit output
current at current limit threshold. For reliable operation, the device
should not be operated in current-limit for extended period.
Short-Circuit Protection
When the output voltage drops below 1.5V, which is caused by an
over-load or a short-circuit, the devices limit the output current
down to a safe level. The short-circuit current limit is used to
reduce the power dissipation during short-circuit conditions. If the
junction temperature reaches over-temperature threshold, the
device will enter the thermal shutdown.
OCB Output
TheTD951X series of power switches provide an open-drain
output to indicate that a fault has occurred. When any of
current-limit or over-temperature protection occurs for a deglitch
time of tD(OCB), the OCB goes low. Since the OCB pin is an
open-drain output, connecting a resistor to a pull high voltage is
necessary.
Enable/Disable
Pull the ENB above 2V or EN below 0.8V will disable the device,
and pull ENB pin below 0.8V or EN above 2V will enable the
device. When the IC is disabled, the supply current is reduced to
less than 1
A. The enable input is compatible with both TTL and
CMOS logic levels. The EN/ENB pin cannot be left floating.
Over-Temperature Protection
When the junction temperature exceeds 140oC, the internal
thermal sense circuit turns off the power FET and allows the
device to cool down. When the device’s junction temperature cools
by 20oC, the internal thermal sense circuit will enable the device,
resulting in a pulsed output during continuous thermal protection.
Thermal protection is designed to protect the IC in the event of
over temperature conditions. For normal operation, the junction
temperature cannot exceed TJ=+125oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com