Electronic Components Datasheet Search
  English  ▼

X  

FloPlus-20 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # FloPlus-20
Description  MODIFIED MOLDED CARBON BLOCK CARTRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

FloPlus-20 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  FloPlus-20 Datasheet HTML 1Page - Pentair plc. All rights reserved. FloPlus-20 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILTRATION & PROCESS
PENTEK MODIFIED MOLDED CARBON BLOCK CARTRIDGES
Pentair® Pentek® FloPlusTM Cartridges utilize the benefit of small particle
reduction at a flow rate comparable to a 10-micron rated cartridge.
This product boasts extremely low pressure drops and high flow rates – comparable
to 10-micron (very open) carbon cartridges. Its efficiency is so high that very small
particles can be removed to create cleaner, safer water.
These cartridges are ideal for applications where pressure drop and low flow have
been chronic problems in the past, as well as whole house water treatment with
the addition of small particle reduction. However, it will address the needs of any
end user looking for a product that offers high flow, low pressure drop, infrequent
cartridge changes and small particle reduction.
IDEAL FOR APPLICATIONS WITH PRESSURE DROPS AND LOW FLOW
PENTEK® FLOPLUSTM SERIES
MODIFIED MOLDED CARBON BLOCK CARTRIDGES
Reduces particles as small as 0.5
micron in size by mechanical means*
NSF/ANSI Standard 53 certified to
reduce cysts such as Cryptosporidium
and Giardia by mechanical means*
Premium dirt holding capacity*
Outstanding chlorine taste & odor
reduction*
True depth filtration
High flow rates and low pressure drop
similar to a nominal 10-micron cartridge
Maximum life – dirt holding ability of
a 10-micron carbon block with the
particulate efficiency of a 0.5-micron
cartridge
FEATURES/BENEFITS
Filter Media – Bonded PAC
Endcaps – Polypropylene
Netting – Polyethylene
Gaskets – Santoprene
Temperature Rating –
40-180°F (4.4-82.2°C)
SPECIFICATIONS
NSF/ANSI Standard 53 certified
to reduce cysts such as
Cryptosporidium and Giardia.
Features FibredyneTM technology
*Based on manufacturer's internal testing.
EPA EST. NO. 086074-NH-001


Similar Part No. - FloPlus-20

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
FLOW-THROUGHANNULARSTYLE NOSHOK-FLOW-THROUGHANNULARSTYLE Datasheet
149Kb / 2P
Flow-Through Annular Style
logo
National Semiconductor ...
FLOWLB03 NSC-FLOWLB03 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Permco, Inc.
FLOWMETER PERMCO-FLOWMETER Datasheet
1Mb / 2P
Precision-Engineered
Version 1.7
logo
Veris. All Rights Reser...
FLOW_ELECTROMAG VERIS-FLOW_ELECTROMAG Datasheet
269Kb / 2P
Flow Monitoring
More results

Similar Description - FloPlus-20

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
logo
Ohmite Mfg. Co.
7071 OHMITE-7071 Datasheet
124Kb / 1P
Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
logo
OKI electronic componet...
UFTC-7CN01 OKI-UFTC-7CN01 Datasheet
329Kb / 1P
UFTC Tip Cartridges for Metcal UltraFineTMHand-piece
logo
KOA Speer Electronics, ...
CFS1 KOA-CFS1 Datasheet
986Kb / 2P
CARBON FILM
4C335J KOA-4C335J Datasheet
986Kb / 2P
CARBON FILM
logo
List of Unclassifed Man...
130JE ETC2-130JE Datasheet
124Kb / 1P
Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
Hot-Molded Carbon Composition Fixed Resistors
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
CARBON FILM
logo
Figaro Engineering Inc.
TGS5042 FIGARO-TGS5042 Datasheet
366Kb / 2P
Carbon Monoxide
TGS5141-P00 FIGARO-TGS5141-P00 Datasheet
262Kb / 2P
Carbon Monoxide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com