Electronic Components Datasheet Search
  English  ▼

X  

FloPlus-10BB Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # FloPlus-10BB
Description  MODIFIED MOLDED CARBON BLOCK CARTRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

FloPlus-10BB Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  FloPlus-10BB Datasheet HTML 1Page - Pentair plc. All rights reserved. FloPlus-10BB Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FILTRATION & PROCESS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404 | WWW.PENTAIRAQUA.COM | CUSTOMER CARE: 800.279.9404
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
310131 REV C AP14 © 2014 Pentair Residential Filtration, LLC All Rights Reserved.
SPECIFICATIONS AND PERFORMANCE
MODEL #
PART #
MAXIMUM DIMENSIONS
RATING
(NOMINAL)*
INITIAL ∆P (PSI)
@ FLOW RATE (GPM)*
CHLORINE TASTE & ODOR REDUCTION
@ FLOW RATE (GPM)*
FloPlus-10
455903-43
2.88" x 9.75"
(73 mm x 248 mm)
0.5 micron
2 psi @ 1 gpm
(0.14 bar @ 3.8 Lpm)
>10,000 gallons @ 1 gpm
(37,854 L @ 3.8 Lpm)
FloPlus-20
455904-43
2.88" x 20"
(73 mm x 508 mm)
0.5 micron
2 psi @ 2 gpm
(0.14 bar @ 7.6 Lpm)
>20,000 gallons @ 2 gpm
(75,708 L @ 7.6 Lpm)
FloPlus-10BB
455905-43
4.63" x 9.75"
(118 mm x 248 mm)
0.5 micron
4 psi @ 2 gpm
(0.28 bar @ 7.6 Lpm)
>25,000 gallons @ 2 gpm
(94,635 L @ 7.6 Lpm)
FloPlus-20BB
455906-43
4.63" x 20"
(118 mm x 508 mm)
0.5 micron
4 psi @ 4 gpm
(0.28 bar @ 15.2 Lpm)
>50,000 gallons @ 4 gpm
(189,270 L @ 15.2 Lpm)
*Based on manufacturer's internal testing.
NOTES: Performance capacity depends on system design, flow rate and certain other application conditions. Certain states require system registration or certification
for health-related substance reduction claims. Cartridges may contain a very small amount of carbon fines (very fine black powder). After installation, follow the
instructions for flushing the cartridge to remove the fines before using the water. You should flush the tap at least 20 seconds prior to using water for drinking or
cooking purposes. This is particularly important if the tap has not been used daily.
WARNING: Do not use with water that is microbiologically unsafe or of unknown quality without adequate disinfection before or after the system.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com