Electronic Components Datasheet Search
  English  ▼

X  

MBSP-2C Datasheet(PDF) 39 Page - Pentair plc. All rights reserved.

Part # MBSP-2C
Description  Battery Backup System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MBSP-2C Datasheet(HTML) 39 Page - Pentair plc. All rights reserved.

Back Button MBSP-2C Datasheet HTML 34Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 35Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 36Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 37Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 38Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 39Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 40Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 41Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 42Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Piezas de repuesto - Unidad de respaldo a batería
39
Clave
N.º
Descripción de la pieza
Número
de pieza
1
Bomba de respaldo CD
PS17-118*
2
Interruptor de flotador
PS17-2003
3
Cargador/Controlador
PS217-1521
4
Carcasa de la batería (completa)
PS17-2044
PS17-2045
5
Adaptador de CA
PS17-2008
6
Precinto de plástico para cable de 27,94 cm x 0,36 cm
(11" x .14")
**
7
Equipo de tubería de respaldo combinado (con válvula de
retención)
U137-692
* Si la bomba falla, reemplace todo el sistema.
** Se compra por separado.
Descripción de la pieza
Número de pieza
AGM 75 A-Hora
BAT75
AGM 40 A-Hora
BAT40
Baterías opcionales
Se venden por separado



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com