Electronic Components Datasheet Search
  English  ▼

X  

BAT40 Datasheet(PDF) 13 Page - Pentair plc. All rights reserved.

Part # BAT40
Description  Battery Backup System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

BAT40 Datasheet(HTML) 13 Page - Pentair plc. All rights reserved.

Back Button BAT40 Datasheet HTML 9Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 10Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 11Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 12Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 13Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 14Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 15Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 16Page - Pentair plc. All rights reserved. BAT40 Datasheet HTML 17Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Repair Parts
13
Key No. Part Description
Part Number
1
DC Backup Pump
PS17-118
2
1-1/4 FNPT x 1-1/2 Slip Elbow
U78-1012
3
Float Switch
PS17-2003
4
Charger/Controller
PS217-1521
5
Battery Case (Complete)
PS17-1512
6
AC Adaptor
PS17-2008
7
11” x .14” Plastic Cable Tie
*
* Purchase separately.
** If pump fails, replace entire system.
Key No. Part Description
Part Number
X
AGM 75A-Hour
BAT75
X
AGM 40A-Hour
BAT40
Optional Batteries
*Sold Separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com