Electronic Components Datasheet Search
  English  ▼

X  

PA520BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PA520BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PA520BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PA520BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PA520BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PA520BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PA520BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV 0.91
2
D-06-5
N-Channel Enhancement Mode
Field Effect Transistor
PA520BA
SOT-23-6
Halogen-Free & Lead-Free
NIKO-SEM
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
496
pF
Output Capacitance
Coss
81
Reverse Transfer Capacitance
Crss
73
Total Gate Charge
2
Qg(VGS=10V)
VDS =15V, ID = 6.3A
14.4
nC
Qg(VGS=4.5V)
8
Gate-Source Charge
2
Qgs
1.6
Gate-Drain Charge
2
Qgd
3.9
Turn-On Delay Time
2
td(on)
VDD = 15V,
ID  6.3A, VGS = 10V, RGEN = 6Ω
12
nS
Rise Time
2
tr
10
Turn-Off Delay Time
2
td(off)
27
Fall Time
2
tf
10
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 ° C)
Continuous Current
2
IS
6.3
A
Forward Voltage
1
VSD
IF = 6.3A, VGS = 0V
1
V
Reverse Recovery Time
trr
IF = 6.3A, dlF/dt = 100A / S
VGS = 0V
10.7
nS
Reverse Recovery Charge
Qrr
2.6
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com