Electronic Components Datasheet Search
  English  ▼

X  

GPS Datasheet(PDF) 2 Page - Harris Corporation

Part # GPS
Description  GPS Speaker Microphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

GPS Datasheet(HTML) 2 Page - Harris Corporation

  GPS Datasheet HTML 1Page - Harris Corporation GPS Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Public Safety and Professional Communications
| www.pspc.harris.com
221 Jefferson Ridge Parkway
| Lynchburg, VA USA 24501 | 1-800-368-3277 (+1-434-455-6403)
Harris, assuredcommunications, OpenSky, and EDACS are registered trademarks of Harris Corporation.
Copyright
 2015 Harris Corporation. All rights reserved.
Printed in U.S.A. 04/15 ECR-7714D
Technical specifications are subject to change without notice. Product sales are subject to applicable U.S. export control laws.
General Specifications
Approximate Weight (oz):
7.5
Operating Temperature Range:
-22 to +146ºF
(-30 to +60ºC)
Cable:
38-inch extended coil cord, shielded
Cable Pull (lb):
40
Cable Flex (cycles):
25,000
PTT Operations:
1 million nominal
Clothing Clip:
Rotates 360º with positive detents
every 45º
Microphone Specifications
Type:
Electret Condenser
Typical Sensitivity (dBV):
-44
Frequency Range (Hz):
300 to 3000
Speaker Specifications
Type:
50 mm dynamic
Sound Pressure Level:
95 dB minimum
Frequency Range (Hz):
300 to 3000
Impedance:
Matched to Radio
Power Handling (W):
1.0
GPS Speaker Mic Option Numbers
XG-75
MAEV-NAE9R
P7300
MAEV-NAE9R
P5500
MAEX-NAE9R
P5400
MAEX-NAE9R
P5300
MAEX-NAE9R
XG-25P
DP-AE9R
XG-15P
XR-AE9R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com