Electronic Components Datasheet Search
  English  ▼

X  

S50HT Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # S50HT
Description  HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S50HT Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  S50HT Datasheet HTML 1Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
M9014SSE (07/13/17)
Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
© 2017 Pentair Ltd. All Rights Reserved.
HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
MYERS® S50HT SERIES
PUMP PERFORMANCE
USA
293 WRIGHT STREET, DELAVAN, WI 53115 WWW.FEMYERS.COM
PH: 888-987-8677 ORDERS FAX: 800-426-9446
CANADA
490 PINEBUSH ROAD, UNIT 4, CAMBRIDGE, ONTARIO N1T 0A5
PH: 800-363-7867 ORDERS FAX: 888-606-5484
Capacity gallons per minute
Capacity liters per minute
60
50
40
30
20
10
0
020406080
100
0
100
200
50
150
250
300
350
16
12
8
4
0
S50 HT – 1/2 HP PERFORMANCE
@200°F WATER
TEMPERATURE
S50 HT – 1/2 HP PERFORMANCE
@70°F WATER
TEMPERATURE
R O
T A T I
.71
.94
11.85
8.62
6.08
3.38
.61
ø14.09
15.75
5.25
2.77
2.38
3.12
(3) 1/2" NPT
1.34
1.34



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com