Electronic Components Datasheet Search
  English  ▼

X  

VR1 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # VR1
Description  GRINDER PUMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

VR1 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  VR1 Datasheet HTML 1Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 2Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 3Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 4Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 5Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 6Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 7Page - Pentair plc. All rights reserved. VR1 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
USAGE
The VR1 Series is a submersible wastewater grinder
pump designed specifically for individual residential
applications. The pumps are to be used for domestic
sewage only and are not to be used for pumping
commercial or industrial sewage such as from motels,
schools, apartments, factories, etc.
THIS PUMP IS
NOT FOR USE IN HAZARDOUS LOCATIONS!
INSPECTING PUMP
Before making any piping or electrical connections,
check the pump for shipping damage or cracks. Insert
allen key into cutter retaining bolt and turn clockwise
to ensure cutters and impellers do not rub. Do not
turn cutter with fingers.
POWER SUPPLY
The VR1 Series grinder pump should be connected to
a 115 or 230 volt, single-phase, 60 Hz power source.
The pump will draw approximately 7.4, 5.3 amperes
at minimum flow and 12.5, 7.6 full load amperes.
The pump must be connected to a grounded power
socket.
DO NOT cut off the ground pin from the
power cord plug.
POWER CORD
A 20 foot power cord is attached to the grinder pump
via two insulated quick-disconnect terminals and a
ground terminal. To replace a cord, begin by slightly
loosening cord nut in the cord cap plate. Remove
cord cap plate from the motor housing and carefully
pull the power leads up out of the motor housing and
disconnect them from the motor leads. Disconnect
the ground wire from the cap plate and continue to
completely loosen the cord nut from the cap.
To install new cord, feed terminals through cord cap
plate and reconnect power terminals. Reconnect
ground terminal to the bottom side of the cap plate.
Carefully feed wires back into the motor housing and
fasten the cord cap plate to the motor housing. Lastly,
tighten the cord nut into the cap plate. Tighten firm,
do not overtighten.
The power cord should be replaced if it has
been damaged in any way or the cord jacket has
become brittle.
MOTOR TYPE
The VR1 Series grinder pump contains a 3/4 frame,
1 hp, single-phase, 60 Hz, 3450 rpm, capacitor start,
capacitor run motor with Class F insulation and built-in,
on-winding overload protection. Motor has upper and
lower ball bearings and is oil-cooled and lubricated.
CAUTION!
THE VR1 SERIES GRINDER PUMP SHOULD
NEVER BE WORKED ON WITHOUT FIRST
DISCONNECTING THE POWER CORD.
OIL TYPE
The motor housing contains dielectric transformer oil
to provide good heat transfer and lubrication of ball
bearings; no other lubrication is required. Oil level may
be checked by removing the oil plug from the top of
the motor housing. The oil level should be filled to
the bottom of the end shield.
Do not overfill with oil.
Only dielectric transformer oil obtained from a Myers®
authorized service center should be used.
PUMP SWITCH INSTALLATION
INSTRUCTIONS
NOTE: In accordance with third party approval, pump
must be submerged a minimum of 8-5/8" from bottom
of the legs on volute case during operation.
Mounting the Switch
1. Determine pumping range for installation. Do not
tether less than 3-1/2" from pipe.
2. Tighten strap around discharge pipe keeping
switch cable between strap and pipe to
prevent slippage.
3. Space small ties at least 1" apart. To readjust ties,
press small tie tabs down.
4. To lock releasable tab, run remaining strap
between tab and head. Tuck strap back
through head.
Piggyback Plug Install
Electrical outlet must not be located in
pump chamber.
Electrical outlet voltage, piggyback plug voltage,
and pump voltage must match.
1. Follow steps 1 through 4 of “Mounting the Switch.”
2. Insert switch’s piggyback plug into outlet.
3. Plug pump into piggyback plug.
4. Check installation. Allow system to cycle to ensure
proper operation.
SAFETY WARNINGS
WARNING! Risk of electrical shock. Pumps are
supplied with a grounding conductor and grounding-
type attachment plug on the power cord. To reduce
the risk of electrical shock, be certain that it is
connected only to properly grounded, grounding-
type receptacle.
DO NOT cut off ground pin or use
an adapter fitting.
DO NOT use an extension cord



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com