Electronic Components Datasheet Search
  English  ▼

X  

XL2011 Datasheet(PDF) 8 Page - XLSEMI

Part # XL2011
Description  5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL2011 Datasheet(HTML) 8 Page - XLSEMI

  XL2011 Datasheet HTML 1Page - XLSEMI XL2011 Datasheet HTML 2Page - XLSEMI XL2011 Datasheet HTML 3Page - XLSEMI XL2011 Datasheet HTML 4Page - XLSEMI XL2011 Datasheet HTML 5Page - XLSEMI XL2011 Datasheet HTML 6Page - XLSEMI XL2011 Datasheet HTML 7Page - XLSEMI XL2011 Datasheet HTML 8Page - XLSEMI XL2011 Datasheet HTML 9Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2011
Rev 1.0
www.xlsemi.com
8
Output short shutdown function description
The output short shutdown function is built in XL2011. The short protection circuit monitors the
output voltage, whenever FB pin voltage is below 1.5V, the short circuit protection circuit is
triggered, the converter will be shutdown, input current less than 5mA.
When the short fault is removed,if output load is floating, then converter will restart up, the
output voltage will return to normal; if output load isn’t floating, then converter must be power
reset , the output voltage will comeback.
Figure8. The converter will be shutdown when output short happen.
8
101214 16 18202224 26 28 3032343638 404244
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Input current VS Input voltage
Input voltage(V)
Figure9. The input current curve when output short happen.
VOUT
Swithing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com