Electronic Components Datasheet Search
  English  ▼

X  

MT7606E Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7606E
Description  High Voltage Linear LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7606E Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7606E Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7606
Maximizing IC Performance
High Voltage Linear LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.25
Tel: 86-10-62662828
Copyright © 2017 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7606 is a high current precision linear LED
driver.
The
output
constant
current
is
programmable by an external resistor.
MT7606 integrates high voltage power MOSFET
and JFET supply circuit, so that the peripheral
circuit is simplified. It can easily pass EMI without
inductor,
transformer
or
other
magnetic
components, low BOM cost is achieved.
The good line regulation keeps input power
constant. MT7606 integrates thermal regulation
function to balance the output power and system
temperature. The output current will be reduced
while the junction temperature goes higher than
the threshold, system reliability is guaranteed.
FEATURES
Few external components, low BOM cost
Good line regulation keeps input power
constant
Integrated with 500V power MOSFET
LED current set by external resistor
Constant current precision: ±5%
Low EMI interference
Embedded thermal regulation function
Available in SOT89-3,TO252-3,ESOP8
package
APPLICATION
LED candle, Filament lamp
LED fluorescent, panel light
LED Bulb, Projection lamp
Other compact LED lightings
Typical Application Circuit


Similar Part No. - MT7606E

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7603 MAXIC-MT7603 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603E MAXIC-MT7603E Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603 MAXIC-MT7603_V01 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
More results

Similar Description - MT7606E

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP5131D BPS-BP5131D Datasheet
163Kb / 2P
High Voltage Linear LED Driver
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
logo
Bright Power Semiconduc...
BP5116DJ BPS-BP5116DJ Datasheet
496Kb / 2P
High Voltage Linear LED Driver
BP5131HC BPS-BP5131HC Datasheet
494Kb / 2P
High Voltage Linear LED Driver
BP5131JC BPS-BP5131JC Datasheet
326Kb / 2P
High Voltage Linear LED Driver
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
BP5151DJ BPS-BP5151DJ Datasheet
175Kb / 1P
High Voltage Linear LED Driver
BP5151HC BPS-BP5151HC Datasheet
497Kb / 2P
High Voltage Linear LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com