Electronic Components Datasheet Search
  English  ▼

X  

MSM6794 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6794
Description  DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6794 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6794 Datasheet HTML 1Page - OKI electronic componets MSM6794 Datasheet HTML 2Page - OKI electronic componets MSM6794 Datasheet HTML 3Page - OKI electronic componets MSM6794 Datasheet HTML 4Page - OKI electronic componets MSM6794 Datasheet HTML 5Page - OKI electronic componets MSM6794 Datasheet HTML 6Page - OKI electronic componets MSM6794 Datasheet HTML 7Page - OKI electronic componets MSM6794 Datasheet HTML 8Page - OKI electronic componets MSM6794 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
¡ Semiconductor
MSM6794
GENERAL DESCRIPTION
The MSM6794 is a dot matrix graphic liquid crystal display LSI device to display bit maps.
It drives an LCD panel for dot matrix graphic display under the control of a 4- or 8-bit
microcomputer.
All necessary functions for driving a bit map type LCD are built in on one chip. Therefore,by
using the MSM6794, a bit map type dot matrix graphic liquid crystal display system can be
implemented with a small number of chips.
Since 1-bit data of the display RAM corresponds to the light-on/off of 1-dot of the LCD panel (bit
map system), a flexible display, including kanji display, is possible. One chip comprises a graphic
display system of a maximum of 128¥48 dots. This display can be expanded by using multiple
chips.
The MSM6794 uses CMOS process. Since it is an internal RAM type, the MSM 6794 features low
power consumption, and is suited to display for battery-driven portable equipment.
FEATURES
• Segment outputs
: Maximum of 128
• Common outputs
: Maximum of 48
• Display duty
: 1/33, 1/41, 1/44, 1/48
• Bit map type internal RAM
: 6,144 bits (128¥48 bits)
• Display data I/F
: 8-bit parallel/serial switchable
• Standby function by program
• LCD drive bias resistor (externally connected)
• Built-in voltage multiplier circuit
• LOGIC voltage
: 2.7 to 5.5V
• LCD driving voltage
: VBI 5 to 12V (positive voltage)
• Low current consumption
: Maximum of 10mA (in standby mode)
• Number of pads
: 224
¡ Semiconductor
MSM6794
DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
E2B0046-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6794

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6791 OKI-MSM6791 Datasheet
197Kb / 10P
DRAM Interface IC
More results

Similar Description - MSM6794

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
Rohm
BU97933ACH-3BW ROHM-BU97933ACH-3BW Datasheet
450Kb / 7P
RAM built-in, Dot-matrix 128 x 33 STN LCD control driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9445-02 ETC2-FEDL9445-02 Datasheet
608Kb / 84P
180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com