Electronic Components Datasheet Search
  English  ▼

X  

XL8002 Datasheet(PDF) 4 Page - XLSEMI

Part # XL8002
Description  80V 1A High Efficiency Buck PFM LED Constant Current Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL8002 Datasheet(HTML) 4 Page - XLSEMI

  XL8002 Datasheet HTML 1Page - XLSEMI XL8002 Datasheet HTML 2Page - XLSEMI XL8002 Datasheet HTML 3Page - XLSEMI XL8002 Datasheet HTML 4Page - XLSEMI XL8002 Datasheet HTML 5Page - XLSEMI XL8002 Datasheet HTML 6Page - XLSEMI XL8002 Datasheet HTML 7Page - XLSEMI XL8002 Datasheet HTML 8Page - XLSEMI XL8002 Datasheet HTML 9Page - XLSEMI Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XLSEMI
Datasheet
80V 1A High Efficiency Buck PFM LED Constant Current Driver
XL8002
Rev 1.2
www.xlsemi.com
4
Figure5. Efficiency VS Output N*1W LED
Figure6. Output ILED Load Regulation VS Output N*1W LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com