Electronic Components Datasheet Search
  English  ▼

X  

PI6C671FA Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C671FA
Description  Clock Generator for Pentium Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C671FA Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C671FA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C671FA Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
398
PS8137A
03/15/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C671F
Clock Generator for Pentium Modules
AC Timing
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
tF
RV
0
.
2
-
V
4
.
0
,
e
m
i
t
l
l
a
f
/
e
s
i
r
K
L
C
t
s
o
H4
.
06
.
1s
n
tR
E
T
T
I
Jr
e
t
t
i
J
K
L
C
t
s
o
H0
5
2s
p
e
l
c
y
C
y
t
u
D
e
h
t
r
o
f
V
5
2
.
1
t
a
s
K
L
C
e
g
d
e
g
n
i
s
i
r
e
h
t
d
e
r
u
s
a
e
M
s
k
c
o
l
c
V
3
.
3
e
h
t
r
o
f
V
5
.
1
t
a
d
n
a
s
k
c
o
l
c
V
5
.
2
5
45
5%
tW
K
S
Hw
e
k
s
K
L
C
s
u
B
t
s
o
H0
5
2
s
p
tD
S
K
S
HM
A
R
D
S
o
t
t
s
o
H0
0
5
tS
P
K
Py
t
i
l
i
b
a
t
s
d
o
i
r
e
p
K
L
C
I
C
P0
0
5
tW
K
S
Pw
e
k
s
K
L
C
s
u
B
I
C
P0
0
5
tT
E
S
F
F
O
P
Ht
e
s
f
f
O
k
c
o
l
C
I
C
P
o
t
t
s
o
H1
4
s
n
tB
T
Sp
u
-
r
e
w
o
p
t
a
n
o
i
t
a
z
i
l
i
b
a
t
S
K
L
C3
s
m
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
N
/
Pn
o
i
t
p
i
r
c
s
e
D
V
F
1
7
6
C
6
I
Pe
g
a
k
c
a
P
P
O
S
S
n
i
p
-
8
4
A
F
1
7
6
C
6
I
Pe
g
a
k
c
a
P
P
O
S
S
T
n
i
p
-
8
4
Ordering Information
48-Pin SSOP Package Data
48-Pin TSSOP Package Data
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com