Electronic Components Datasheet Search
  English  ▼

X  

ASM1061 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASM1061
Description  SATA 6Gbps Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM1061 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASM1061 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASM1061 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS
M
ed
ia
Co
nf
id
en
tia
l
Copyright Notice:
Copyright © 2008, ASMedia TECHNOLOGY INC. All Rights Reserved.
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH PRODUCTS OF ASMEDIA TECHNOLOGY INC. NO LICENSE, EXPRESS
OR IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS
PROVIDED IN ASMEDIA’S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, ASMEDIA ASSUMES NO LIABILITY WHATSOEVER, AND
ASMEDIA DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF ASMEDIA PRODUCTS INCLUDING LIABILITY
OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT,
COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
Products of ASMEDIA TECHNOLOGY INC. are not intended for use in medical, life saving, life sustaining, critical control or safety systems, or in
nuclear facility applications.
ASMedia may make changes to specifications and product descriptions at any time, without notice.
ASMedia TECHNOLOGY INC. may have patents or pending patent applications, trademarks, copyrights, or other intellectual property rights that
relate to the presented subject matter. The furnishing of documents and other materials and information does not provide any license, express
or implied, by estoppel or otherwise, to any such patents, trademarks, copyrights, or other intellectual property rights.
Contact your local ASMedia sales office or your agent to obtain the latest specifications and before placing your product order.
Copies of documents which have an order number and are referenced in this document, or other ASMedia literature may be obtained by calling
+886-2-22196088 or by visiting ASMedia’s website at www.asmedia.com.tw.
ASMedia and ASMedia logo are trademarks or registered trademarks of ASMedia TECHNOLOGY INC. in Taiwan and other countries.
© 2008 祥碩科技股份有限公司,著作權所有,並保留一切權利
本文資料為與祥碩科技股份有限公司之產品相關
本文並未明示或默示授權任何智慧財產權予第三人
除在祥碩科技股份有限公司對
產品提供
的買賣條款及條件以外,祥碩科技股份有限公司免於擔負任何責任,且不對產品的買賣及使用做任何明示或默示的保證,包含產品適於特殊使用
目的
以及產品不侵害任何專利權
著作權或其他智慧財產權祥碩科技股份有限公司之產品不用於醫療的
救助生命的
生命維持的
安全控
管系統或核子設施等用途之上
祥碩科技股份有限公司可隨時不經通知,逕行增訂或修改產品規格及描述
本文之相關專利權
申請中之專利權
商標權著作權及其餘智慧財產權均屬祥碩科技股份有限公司所有
本文及其他資訊並未明示或默示的提
供任何專利商標
著作權及其餘智慧財產權之授權
請於下產品訂單前先聯絡當地的祥碩科技銷售處或代理商以取得最新的產品規格書
本文提及之有訂單號碼之文件或其他細資料可參閱祥碩科技網站 www.asmedia.com.tw 或撥打+886-2-22196088
ASMEDIA 和 ASMEDIA 商標均為祥碩科技股份有限公司在台灣和其他國家的註冊商標或商標
Office:
ASMedia Technology, Inc.
6F, No.115, Minquan Rd., Xindian City, Taipei County 231, Taiwan, R.O.C.
http://www.asmedia.com.tw
Tel: 886-2-2219-6088
Fax: 886-2-2219-6080
Environmentally hazardous materials are not used in this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com