Electronic Components Datasheet Search
  English  ▼

X  

BK2425QB Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # BK2425QB
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425QB Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button BK2425QB Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 25Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 26Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 27Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 28Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 29Page - List of Unclassifed Manufacturers BK2425QB Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 30 of 30
13 Update History
Version
date
Author
Description
1.0
2013-12-20
RK
Initial version
1.1
2013-01-29
RK
Updated Electrical parameters and bank1
Registers value.
1.2
2013-01-29
RK
Updated Application schematic.
1.3
2014-06-04
RK
Added QFN20 bonding and die size
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com