Electronic Components Datasheet Search
  English  ▼

X  

PE606BA Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE606BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE606BA Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE606BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE606BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE606BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE606BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.2
1
E-29-1
N-Channel Enhancement Mode
Field Effect Transistor
PE606BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
3
30V
18mΩ
23A
G
D
S
G
S
S
S
#1
DD D D
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
3
TC = 25 °C
ID
23
A
TC = 100 °C
15
Continuous Drain Current
3
TA = 25 °C
10.6
TA = 70 °C
8.5
Pulsed Drain Current
1
IDM
60
Avalanche Current
IAS
12.6
Avalanche Energy
L = 0.1mH
EAS
7.9
mJ
Power Dissipation
TC = 25 °C
PD
17
W
TC = 100 °C
7
Power Dissipation
4
TA = 25 °C
3.5
TA = 70 °C
2.2
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
t ≦10s
RJA
35
°C / W
Junction-to-Ambient
2
Steady-State
RJA
70
Junction-to-Case
Steady-State
RJC
7
1Pulse width limited by maximum junction temperature.
2The value of R
θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3Package limitation current is 11A
4The Power dissipation is based on RJA t ≦10s value.
G : GATE
D : DRAIN
S : SOURCE


Similar Part No. - PE606BA

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PE606BA UNIKC-PE606BA Datasheet
852Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - PE606BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com